Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1188 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SA1188
Description  Silicon PNP Epitaxial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SA1188 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SA1188 Datasheet HTML 1Page - Hitachi Semiconductor 2SA1188 Datasheet HTML 2Page - Hitachi Semiconductor 2SA1188 Datasheet HTML 3Page - Hitachi Semiconductor 2SA1188 Datasheet HTML 4Page - Hitachi Semiconductor 2SA1188 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA1188, 2SA1189
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
2SA1188
2SA1189
Unit
Collector to base voltage
V
CBO
–90
–120
V
Collector to emitter voltage
V
CEO
–90
–120
V
Emitter to base voltage
V
EBO
–5
–5
V
Collector current
I
C
–100
–100
mA
Emitter current
I
E
100
100
mA
Collector power dissipation
P
C
400
400
mW
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
2SA1188
2SA1189
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V
(BR)CBO
–90
–120
V
I
C = –10 µA, IE = 0
Collector to emitter
breakdown voltage
V
(BR)CEO
–90
–120
V
I
C = –1 mA, RBE = ∞
Emitter to base
breakdown voltage
V
(BR)EBO
–5
–5
V
I
E = –10 µA, IC = 0
Collector cutoff current
I
CBO
–0.1
–0.1
µAV
CB = –70 V, IE = 0
Emitter cutoff current
I
EBO
–0.1
–0.1
µAV
EB = –2 V, IC = 0
DC current trnsfer ratio
h
FE*
1
250
800
250
800
V
CE = –12 V,
I
C = –2 mA*
2
Collector to emitter
saturation voltage
V
CE(sat)
–0.05 –0.15 —
–0.05 –0.15 V
I
C = –10 mA,
I
B = –1 mA*
2
Base to emitter
saturation voltage
V
BE(sat)
–0.7
–1.0
–0.7
–1.0
V
Gain bandwidth product f
T
130
130
MHz
V
CE = –6 V,
I
C = –10 mA
Collector output
capacitance
Cob
3.2
3.2
pF
V
CB = –10 V, IE = 0,
f = 1 MHz
Notes: 1. The 2SA1188 and 2SA1189 are grouped by h
FE as follows.
2. Pulse test
DE
250 to 500
400 to 800
See characteristic curves of 2SA1190 and 2SA1191.


Similar Part No. - 2SA1188

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA1188 RENESAS-2SA1188 Datasheet
177Kb / 7P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA1188 NJSEMI-2SA1188 Datasheet
227Kb / 1P
   New Jersey Semi-Conductor Products,
logo
Renesas Technology Corp
2SA1188DTZ-E RENESAS-2SA1188DTZ-E Datasheet
177Kb / 7P
   Silicon PNP Epitaxial
2SA1188ETZ-E RENESAS-2SA1188ETZ-E Datasheet
177Kb / 7P
   Silicon PNP Epitaxial
More results

Similar Description - 2SA1188

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com