Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3L11-190 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3L11-190
Description  3L11/3F11 SERIES 1/2 BIMETAL DISC THERMOSTATS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3L11-190 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3L11-190 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3L11-190 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.white-rodgers.com
89
Model
Differential
Therm-O-Disc
Therm-O-Disc
Number
Description
Temperature °F/°C
°F/°C
Type
Style
3L11-60
Open on rise
55 to 65 (°F), 3 to 8 (°C)
20 (°F), 2 (°C)
36T2
0842
3L11-85
Open on rise
80 to 90 (°F), 27 to 32 (°C)
5 (°F), 8 (°C)
36T2
0843
3F11-100
Close on rise
93 to 07 (°F), 34 to 42 (°C)
30 (°F), 7 (°C)
36T22
0844
3L11-110
Open on rise
05 to 5 (°F), 4 to 46 (°C)
30 (°F), 7 (°C)
36T2
0845
3L11-120
Open on rise
5 to 25 (°F), 46 to 52 (°C)
30 (°F), 7 (°C)
36T2
0846
3F11-120
Close on rise
3 to 27 (°F), 45 to 53 (°C)
30 (°F), 7 (°C)
36T22
0847
3L11-140
Open on rise
35 to 45 (°F), 57 to 63 (°C)
30 (°F), 7 (°C)
36T2
0848
3F11-140
Close on rise
33 to 47 (°F), 56 to 64 (°C)
30 (°F), 7 (°C)
36T22
0849
3L11-150
Open on rise
45 to 55 (°F), 63 to 68 (°C)
30 (°F), 7 (°C)
36T2
0850
3L11-160
Open on rise
55 to 65 (°F), 68 to 74 (°C)
30 (°F), 7 (°C)
36T2
085
3L11-170
Open on rise
65 to 75 (°F), 74 to 79 (°C)
30 (°F), 7 (°C)
36T2
0852
3F11-170
Close on rise
62 to 78 (°F), 72 to 8 (°C)
30 (°F), 7 (°C)
36T22
0853
3L11-175
Open on rise
70 to 80 (°F), 77 to 82 (°C)
5 (°F), 8 (°C)
36T2
0854
3L11-180
Open on rise
75 to 85 (°F), 79 to 85 (°C)
30 (°F), 7 (°C)
36T2
0855
3F11-180
Close on rise
72 to 88 (°F), 78 to 87 (°C)
30 (°F), 7 (°C)
36T22
0856
3L11-190
Open on rise
85 to 95 (°F), 85 to 9 (°C)
30 (°F), 7 (°C)
36T2
0857
3L11-210
Open on rise
204 to 26 (°F), 96 to 02 (°C)
30 (°F), 7 (°C)
36T2
0858
3L11-220
Open on rise
24 to 226 (°F), 0 to 08 (°C)
30 (°F), 7 (°C)
36T2
0859
3F11-225
Close on rise
27 to 232 (°F), 03 to  (°C)
30 (°F), 7 (°C)
36T22
0860
3L11-230
Open on rise
224 to 236 (°F), 07 to 3 (°C)
30 (°F), 7 (°C)
36T2
086
3F11-240
Close on rise
229 to 25 (°F), 09 to 22 (°C)
00 (°F), 56 (°C)
36T22
0862
3L11-250
Open on rise
224 to 256 (°F), 8 to 24(°C)
30 (°F), 7 (°C)
36T2
0863
3L11-325
Open on rise
35 to 335 (°F), 57 to 69 (°C)
50 (°F), 28 (°C)
36T2
0864
3L11/3F11 SERIES
1
/2” BIMETAL DISC THERMOSTATS
22 New Bimetal Disc Thermostats for Appliance and HVAC
FEATURES
• Loose ring, stainless steel mounting brackets.
/4” quick connect terminations.
• Automatic reset.
• Aluminum disc cup.
3L11/3F11
SERIES
BIMETAL DISC
THERMOSTATS
SPECIFICATIONS
Single pole, single throw
Available in either open or close on temperature rise
Electrical Ratings
Resistive . . . . . . . 15A @ 120VAC, 10A @ 240VAC
Inductive . . . . . . . 3.0FLA, 12.0LRA @ 120VAC; 1.5FLA, 6.0LRA @ 240 VAC
Pilot Duty . . . . . . . 25VA
Dimensions. . . . . . . Length (.23”), case width (.32”), height (.37”)
Weight . . . . . . . . . . 0.2 oz.
Agency . . . . . . . . . . UL Recognized File #E9279
CSA Certified File #LR19988
VDE Lic. 8669


Similar Part No. - 3L11-190

ManufacturerPart #DatasheetDescription
logo
MotionKing Motor Indust...
3L1183M MOTIONKING-3L1183M Datasheet
276Kb / 9P
   High Performance & Low Noise 3-phase Microstepping Driver
More results

Similar Description - 3L11-190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA-120 ETC2-CA-120 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
67F120 ETC2-67F120 Datasheet
328Kb / 5P
   TO-220, Subminiature Bimetal Disc Thermostat
67F090P ETC2-67F090P Datasheet
328Kb / 5P
   TO-220, Subminiature Bimetal Disc Thermostat
66F060 ETC2-66F060 Datasheet
379Kb / 5P
   8-Pin DIP, Subminiature Bimetal Disc Thermostat
67F090 ETC1-67F090 Datasheet
882Kb / 3P
   6700 SERIES THERMOSTATS
6600 ETC2-6600 Datasheet
598Kb / 4P
   SERIES 6600 THERMOSTATS
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
   Thermostats
logo
Silicon Laboratories
SI7050 SILABS-SI7050 Datasheet
594Kb / 26P
   Thermostats
logo
Honeywell Accelerometer...
2455R-100-77 HONEYWELL-ACC-2455R-100-77 Datasheet
320Kb / 8P
   Thermostats - Commercial
logo
Hammond Manufacturing L...
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
   Thermostats doubles
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com