Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70-109221-2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 70-109221-2
Description  High current capacity control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

70-109221-2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  70-109221-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 70-109221-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 70-109221-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
R-4003C
1233
APPLICATION NOTES
• Aback-upwrenchMUSTbeusedtoholdthebottomnutstationaryduringinstallation.
• Solenoidsappliedinbatterychargingcircuitsshouldbeprotectedfromhigherthanratedvoltageduringcharging.The
servicelifemaybeaffectedbythisconditionandthesolenoidmayormaynotoperatethecircuitasintended.
• Circuitsshouldbedesignedtoprovidesafeoperationshouldthesolenoidfailineithertheopenorclosedposition.
• Specialconstructionoptions,includingacurvedbracket,maybeavailableunderotherpartnumbers,including111-
xxxD(shortcan),111-xxxE(longcan),5608-xand878x-x.
Coil Terminal to Ground
SPNO – Isolated Coil
SPDT – Isolated Coil
Coil Common to Load
5/16–UNF–2A
.485 (USABLE)
LENGTH
5/16–UNF–2A
.485 (USABLE)
LENGTH
.281 WIDE X .390 LONG SLOT
.281 WIDE X .390 LONG SLOT
CIRCUIT DIAGRAM
COIL CONNECTION
(ISOLATED)
#10-32 UNF-2A X .470
.569
1.082
H
2.400
2.109
W 3.480
L
2.429 (Type 70)
2.725 (Type 71)
0.900
(Type 70)
1.196
(Type 71)
0.900
(Type 70)
1.196
(Type 71)
0.900
(Type 70)
1.196
(Type 71)
0.900
(Type 70)
1.196
(Type 71)
L
2.429 (Type 70)
2.725 (Type 71)
L
3.313 (Type 70)
3.609 (Type 71)
L
2.429 (Type 70)
2.725 (Type 71)
H
2.400
5/16–UNF–2A
.485 (USABLE)
LENGTH
5/16–UNF–2A
.485 (USABLE)
LENGTH
.281 WIDE X .390 LONG SLOT
.281 WIDE X .390 LONG SLOT
COIL CONNECTION
(COMMON)
COIL CONNECTION
(COMMON)
COMMON
TERMINAL
#10–32 UNF–2A
.470 LONG
#10–32 UNF–2A
.470 LONG
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
2.109
1.082
W 3.480
COIL CONNECTION
WITH GROUND WIRE
GROUND
WIRE
#10-32 UNF-2A X .470
W
3.480
.569
.569
H
2.400
H
2.400
1.082
1.082
W 3.480
2.109
.569
2.109
.248
.248
.248
.248
TYPE 70/71 PART NUMBERING SYSTEM
7x – x xx x x x - x
Coil Termination
(15 in-lb torque spec.)
221 – Isolated coil, all Ag contacts
222 – Coil terminal with ground
wire, all Ag contacts
224 – Isolated coil, Cu NO
and Ag NC contacts
225 – Coil terminal with ground
wire, Cu NO and Ag NC
contacts
226 – Coil common to NO (stud
marked “BAT”), Cu NO
and Ag NC contacts
Coil
Voltage/Duty
08 – 6 Volt continuous
09 – 6 Volt intermittent
11 – 12 Volt continuous
12 – 12 Volt intermittent
14 – 18 Volt continuous
15 – 18 Volt intermittent
17 – 24 Volt continuous
18 – 24 Volt intermittent
20 – 36 Volt continuous
21 – 36 Volt intermittent
2 – Hardware loosely
assembled
2B – Customer requested
markings
2C – Customer requested
markings
3 – Customer requested
markings
4 – Customer requested
markings
5 – Hardware bulk packed
5C – Customer requested
markings
5F – Customer requested
markings
7 – No hardware included
Contact
Form
1 – SPNO
3 – SPDT
Basic Part
Number Series
Type 71 case is
approx. 0.29” longer
than Type 70
Factory Assigned Specials
(where undefined, contact factory)
Notallpartnumbercombinationsarereleased.PleasecontactyourSalesRepresentativefor
alistofactivepartnumbers.


Similar Part No. - 70-109221-2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
70-100 COOPER-70-100 Datasheet
207Kb / 3P
   FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
70-100A COOPER-70-100A Datasheet
3Mb / 12P
   Industrys fi rst modular fuse block simplifi es design and enhances safety
logo
Molex Electronics Ltd.
70-107-0050 MOLEX8-70-107-0050 Datasheet
178Kb / 4P
   2.54mm (.100") Pitch SL??Wire-to-Wire Panel Mount Crimp Housing, Single Row,Version B, With Mounting Ears, 16 Circuits
More results

Similar Description - 70-109221-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1110-1R0M-RC BOURNS-1110-1R0M-RC Datasheet
472Kb / 1P
   Very high current capacity
1120-1R0M-RC BOURNS-1120-1R0M-RC Datasheet
432Kb / 1P
   Very high current capacity
logo
International Rectifier
PVX6012PBF IRF-PVX6012PBF_15 Datasheet
218Kb / 5P
   High load current capacity
logo
DIYI Electronic Technol...
SK34L DYELEC-SK34L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Littelfuse
MHP-TAT18 LITTELFUSE-MHP-TAT18 Datasheet
542Kb / 4P
   High current capacity, low resistance
logo
DIYI Electronic Technol...
SK54L DYELEC-SK54L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
   Large Current Capacity
logo
Shanghai Leiditech Elec...
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com