Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQB10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RQB10
Description  Ceramic Encased Wire Wound Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RQB10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RQB10 Datasheet HTML 1Page - List of Unclassifed Manufacturers RQB10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel : 82-32-817-4325
Resistors And
Fax : 82-32-817-4329
Resistive Applications
Website : http://www.raraohm.com Email : sg@raraohm.com
JUNE 14, 2012
■ RQB(s, s3) DIMENSIONS
Power
Rating
Dimensions(mm)
L
P
W1
W2
W3
W4
H1
H2
H3
H4
G
5W
S
27±1.5
15±1.5
9.5±1
7.5±0.3
1.4±0.2
1.6±0.2
9.5±1
25+1,-2
39±2
4.5±0.5
1.1
S3
12+1,-2
25±2
7W
S
35±1.5
22.5±1.5
9.5±1
7.5±0.3
1.4±0.2
1.6±0.2
9.5±1
25+1,-2
39±2
4.5±0.5
1.1
S3
12+1,-2
25±2
10W
S
48±1.5
35±1.5
9.5±1
7.5±0.3
1.4±0.2
1.6±0.2
9.5±1
25+1,-2
39±2
4.5±0.5
1.1
S3
12+1,-2
25±2
15W
S
48±2
32.5±1.5
12.5±1.2
10±0.5
2.5±0.2
2.7±0.2
12.5±1.2
27+1,-2
45±2
5.5±0.5
1.1
S3
15+1,-2
33±2
20W
S
63±2
47.5±2
12.5±1.2
10±0.5
2.5±0.2
2.7±0.2
12.5±1.2
27+1,-2
45±2
5.5±0.5
1.1
S3
15+1,-2
33±2
<s-STYLE>
<s3-STYLE>
■ RQB(d) DIMENSIONS
Power
Rating
Dimensions(mm)
L
W
H
P
5W
27±1.5
9.5±1
9.5±1
15+6,-2
6±1.5
7W
35±1.5
9.5±1
9.5±1
22.5+6,-2
6.25±1.5
10W
48±1.5
9.5±1
9.5±1
35+6,-2
6.5±1.5
15W
48±2
12.5±1
12.5±0.2
32+4,0
7.5±1.5
<d-STYLE>(5-10W)
<d-STYLE>(15W)


Similar Part No. - RQB10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RQB150W3 MEANWELL-RQB150W3 Datasheet
164Kb / 8P
   150W Quarter Brick 60~160Vdc wide Input Railway DC-DC Converter
2023-01-05
RQB150W3-110S12 MEANWELL-RQB150W3-110S12 Datasheet
164Kb / 8P
   150W Quarter Brick 60~160Vdc wide Input Railway DC-DC Converter
2023-01-05
RQB150W3-110S24 MEANWELL-RQB150W3-110S24 Datasheet
164Kb / 8P
   150W Quarter Brick 60~160Vdc wide Input Railway DC-DC Converter
2023-01-05
RQB150W3-110S48 MEANWELL-RQB150W3-110S48 Datasheet
164Kb / 8P
   150W Quarter Brick 60~160Vdc wide Input Railway DC-DC Converter
2023-01-05
RQB150W3-110S54 MEANWELL-RQB150W3-110S54 Datasheet
164Kb / 8P
   150W Quarter Brick 60~160Vdc wide Input Railway DC-DC Converter
2023-01-05
More results

Similar Description - RQB10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RQA02 ETC-RQA02 Datasheet
600Kb / 2P
   Ceramic Encased Wire Wound Resistors
RQL10 ETC-RQL10 Datasheet
619Kb / 2P
   Ceramic Encased Wire Wound Resistors
RQR02 ETC-RQR02 Datasheet
687Kb / 2P
   Ceramic Encased Wire Wound Resistors
logo
RFE international
KNP RFE-KNP Datasheet
1Mb / 3P
   Wire Wound Resistors
OCT-25-2023
logo
List of Unclassifed Man...
RW1S ETC-RW1S Datasheet
832Kb / 1P
   WIRE WOUND RESISTORS
logo
RFE international
SKN RFE-SKN Datasheet
971Kb / 3P
   Wire Wound Resistors
OCT-30-2023
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
   Resistors Power Wire Wound Resistors
logo
RCD COMPONENTS INC.
PW10X-R100 RCD-PW10X-R100 Datasheet
39Kb / 1P
   GENERAL PURPOSE 1W TO 25W CERAMIC-ENCASED RESISTORS
logo
Vishay Siliconix
RH5 VISHAY-RH5 Datasheet
123Kb / 5P
   Heatsink Encased Wirewound Power Resistors
Revision: 07-Dec-15
logo
RFE international
FKN RFE-FKN Datasheet
1Mb / 2P
   Fusible Wire Wound Resistors
19-JUN-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com