Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-97-5161 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 15-97-5161
Description  Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 16 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

15-97-5161 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  15-97-5161 Datasheet HTML 1Page - Molex Electronics Ltd. 15-97-5161 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
15-97-5161
Status:
Active
Overview:
Mini-Fit® TPA Plugs and Receptacles
Description:
Mini-Fit® TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal
Retention, 16 Circuits
Documents:
3D Model
Packaging Specification PK-30067-001 (PDF)
Drawing (PDF)
Test Summary TS-30067-001 (PDF)
Product Specification PS-45750-001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-5556-003 (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
30067
Application
Power, Wire-to-Board, Wire-to-Wire
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 series terminals
crimped to 16 AWG wire. . See Molex product
specification PS-45750-001 for additional current
derating information.. Connector Position Assurance
Overview
Mini-Fit® TPA Plugs and Receptacles
Product Name
Mini-Fit® TPA
UPC
800754202275
Physical
Breakaway
No
Circuits (maximum)
16
Color - Resin
Black
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
4.444/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
4.20mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
13A
Material Info
Old Part Number
30067-16A2
Reference - Drawing Numbers
Packaging Specification
PK-30067-001
Product Specification
PS-45750-001, PS-5556-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
30067Series
Mates With
Plug 30068 , Straight Header 30069 , Right
Angle Header 30070 , 44483
Use With
30072 4.20mm Pitch Mini-Fit® TPA
Receptacle Housing, 45750 Mini-Fit® Plus
HCS Crimp Terminal


Similar Part No. - 15-97-5161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-97-5161 MOLEX1-15-97-5161 Datasheet
229Kb / 2P
   2-24 CKT. RECPT. HSG. MINI-FIT T.P.A. SERIES
More results

Similar Description - 15-97-5161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-97-6161 MOLEX11-15-97-6161 Datasheet
54Kb / 1P
   Mini-Fit TPA Plug Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 16 Circuits
15-97-5043 MOLEX11-15-97-5043 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 4 Circuits
15-97-5061 MOLEX11-15-97-5061 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 6 Circuits
15-97-5081 MOLEX11-15-97-5081 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 8 Circuits
15-97-5101 MOLEX11-15-97-5101 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 8 Circuits
15-97-5041 MOLEX11-15-97-5041 Datasheet
53Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 4 Circuits
15-97-5121 MOLEX11-15-97-5121 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 12 Circuits
15-97-6101 MOLEX11-15-97-6101 Datasheet
54Kb / 1P
   Mini-Fit TPA Plug Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 10 Circuits
15-97-6081 MOLEX11-15-97-6081 Datasheet
54Kb / 1P
   Mini-Fit TPA Plug Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 8 Circuits
15-97-6021 MOLEX11-15-97-6021 Datasheet
54Kb / 1P
   Mini-Fit TPA Plug Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 2 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com