Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-97-5021 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 15-97-5021
Description  Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row, 2 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

15-97-5021 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  15-97-5021 Datasheet HTML 1Page - Molex Electronics Ltd. 15-97-5021 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Test Summary
TS-30067-001
This document was generated on 10/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 15-97-5021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-97-5021 MOLEX1-15-97-5021 Datasheet
229Kb / 2P
   2-24 CKT. RECPT. HSG. MINI-FIT T.P.A. SERIES
More results

Similar Description - 15-97-5021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
30067-0412 MOLEX11-30067-0412 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row, 4 Circuits, Natural
30067-0812 MOLEX11-30067-0812 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row, 8 Circuits, Natural
30067-0612 MOLEX11-30067-0612 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row, 6 Circuits, Natural
15-97-6021 MOLEX11-15-97-6021 Datasheet
54Kb / 1P
   Mini-Fit TPA Plug Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 2 Circuits
15-97-5043 MOLEX11-15-97-5043 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 4 Circuits
15-97-5061 MOLEX11-15-97-5061 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 6 Circuits
15-97-5081 MOLEX11-15-97-5081 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 8 Circuits
15-97-5101 MOLEX11-15-97-5101 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 8 Circuits
15-97-5041 MOLEX11-15-97-5041 Datasheet
53Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 4 Circuits
15-97-5121 MOLEX11-15-97-5121 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row with Secondary Terminal Retention, 12 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com