Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42475-2421 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 42475-2421
Description  Mini-Fit BMI Plug Housing, 4.20mm Pitch Dual Row with Panel Mount Ears, White, UL 94V-0, 24 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

42475-2421 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  42475-2421 Datasheet HTML 1Page - Molex Electronics Ltd. 42475-2421 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This document was generated on 08/26/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 42475-2421

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42475-2421 MOLEX1-42475-2421 Datasheet
485Kb / 4P
   4.20mm (.165") Pitch Mini-Fit BMI??Plug Housing, Dual Row With Panel Mount Ears, White, UL 94V-0, 24 Circuits
More results

Similar Description - 42475-2421

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015060246 MOLEX1-0015060246 Datasheet
485Kb / 4P
   4.20mm (.165") Pitch Mini-Fit BMI??Plug Housing, Dual Row With Panel Mount Ears, White, UL 94V-0, 24 Circuits
0424751041 MOLEX5-0424751041 Datasheet
484Kb / 4P
   4.20mm (.165") Pitch Mini-Fit BMI??Plug Housing, Dual Row With Panel Mount Ears, Black, UL 94V-0, 10 Circuits
0039012246 MOLEX1-0039012246_18 Datasheet
30Kb / 1P
   Mini-Fit Jr. Plug Housing, Dual Row, 24 Circuits, UL 94V-0, with Panel Mounting Ears
39-01-2086 MOLEX11-39-01-2086 Datasheet
38Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row with Panel Mount Ears, UL 94V-0, Panel Mount,
39-01-2186 MOLEX11-39-01-2186 Datasheet
38Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row with Panel Mount Ears, UL 94V-0, Panel Mount,
39-01-2106 MOLEX11-39-01-2106 Datasheet
38Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row with Panel Mount Ears, UL 94V-0, Panel Mount,
39-01-2146 MOLEX11-39-01-2146 Datasheet
38Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row with Panel Mount Ears, UL 94V-0, Panel Mount,
39-01-2226 MOLEX11-39-01-2226 Datasheet
38Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row with Panel Mount Ears, UL 94V-0, Panel Mount,
15-06-0241 MOLEX11-15-06-0241 Datasheet
70Kb / 2P
   Mini-Fit BMI Receptacle Housing, 4.20mm Pitch, Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-0, 24 Circuits
39-01-2126 MOLEX11-39-01-2126 Datasheet
38Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row with Panel Mount Ears, UL 94V-0, Panel Mount,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com