Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP707TEL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLP707TEL
Description  7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP707TEL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLP707TEL Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP707TEL Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP707TEL Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP707TEL Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP707TEL Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
7 outlet, 7-ft cord, 1080 joules, tel/modem protection
- Protect It! Surge Suppressor
MODEL NUMBER: TLP707TEL
Description
Tripp Lite's TLP707TEL surge suppressor offers complete AC and phone line surge suppression for comprehensive protection of workstations, desktop PCs,
telecom systems and other sensitive electronics. Heavy grade AC surge suppression shields connected equipment from damage and performance problems
due to transient surges. Set of RJ11 telephone line suppression jacks protect dialup and DSL modem lines, fax machines, cordless phones and more.
TLP707TEL offers 7 total outlets, 7 foot cord with space-saving angled plug, automatic cord management and diagnostic LEDs to warn of wiring problems and
suppressor damage. Heavy grade AC suppression rated at 1080 joules shields equipment from surges and line noise. Attractive metallic silver housing with 3
designated transformer plug outlets offers convenient protection of desktop computer equipment and accessories. $50,000 Ultimate Lifetime Insurance (USA
and Canada Only).
PLUG/OUTLETS: Input: NEMA5-15P/Output: 7 NEMA5-15R/7-ft. AC line cord
ELECTRICAL: 120V AC, 50/60Hz, 15A (Requires NEMA5-15R wall receptacle)
FORMAT: Unique on-end suppressor format supports the connection of up to 3 large transformer plugs on one side and 4 additional straight input plugs on the
other
SUPPRESSION: AC: 150V RMS Clamping/1080 joules/400V UL1449 3rd Edition
Features
Offers complete AC and phone line surge suppression for comprehensive protection of workstations, desktop PCs, telecom systems and other sensitive
electronics
Heavy grade AC surge suppression shields connected equipment from damage and performance problems due to transient surges
Set of RJ11 telephone line suppression jacks protect dialup and DSL modem lines, fax machines, cordless phones and more
7 total outlets
7 foot cord with space-saving angled plug, automatic cord management
Diagnostic LEDs to warn of wiring problems and suppressor damage
Heavy grade AC suppression rated at 1080 joules shields equipment from surges and line noise
Attractive metallic silver housing
3 designated transformer plug outlets offer convenient protection of desktop computer equipment and accessories
$50,000 Ultimate Lifetime Insurance (USA & Canada only)
Highlights
7 outlets / 7-ft. cord
1080 joule rating
1 in/1 out tel/modem surge
protection
$50,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Ideal for home computers,
TV/VCR/DVD players, stereos
and lamps
Package Includes
TLP707TEL surge suppressor
6-ft. RJ11 cable
Instruction manual and warranty
information
1 / 4


Similar Part No. - TLP707TEL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
   TOSHIBA Photocoupler GaAAs IRED Photo IC
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
More results

Similar Description - TLP707TEL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SUPER7TEL ETC2-SUPER7TEL Datasheet
502Kb / 5P
   7-outlet, 7-ft cord, 2520 joules, Modem/Fax Protection Protect It! Surge Suppressor
TLP810NET ETC2-TLP810NET Datasheet
514Kb / 5P
   8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
   Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
logo
List of Unclassifed Man...
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
   7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
SUPER6TEL ETC2-SUPER6TEL Datasheet
490Kb / 5P
   7-outlet, 6-ft cord, 1080 joule strip, RJ11 protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
   6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
logo
List of Unclassifed Man...
TLP712B ETC2-TLP712B Datasheet
480Kb / 4P
   7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
   7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
TLP810SAT ETC2-TLP810SAT Datasheet
518Kb / 5P
   8 outlet, 10-ft cord, 3240 joules, Coax/Modem/Fax protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP74RB TRIPPLITE-TLP74RB Datasheet
102Kb / 3P
   7 outlet black strip, 540 joules Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com