Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU5000XFMRT2U Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SU5000XFMRT2U
Description  5kVA / 5kW Step-down Isolation Transformer - Converts 208V UPS, utility or generator power to 120V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SU5000XFMRT2U Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SU5000XFMRT2U Datasheet HTML 1Page - List of Unclassifed Manufacturers SU5000XFMRT2U Datasheet HTML 2Page - List of Unclassifed Manufacturers SU5000XFMRT2U Datasheet HTML 3Page - List of Unclassifed Manufacturers SU5000XFMRT2U Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Type
Transformers
OUTPUT
Frequency compatibility
60 Hz
Output VA
5000
Output watts
5000
Output nominal voltage
120/208V AC
Overload protection
Includes 4 built-in 20A circuit breakers. Each breaker protects 3 5-15/20R outlets each.
Outlet quantity / type
12 NEMA 5-15/20R (120V), 1 NEMA L6-30R (208V)
INPUT
Nominal Input Voltage(s) Supported
120V AC
UPS Input cord length (ft.)
10
UPS Input cord length (m)
3.05
Recommended Electrical Service
208V 30A
Maximum Input Amps (A)
24
Input connection type
NEMA L6-30P
Voltage compatibility (VAC)
120
PHYSICAL
Installation form factors supported
with included accessories
4 post 19 inch rackmount (mounting rail kit included)
Shipping weight (lbs)
60
Shipping weight (kg)
27.2
Unit Dimensions (HWD/in)
3.5 x 17.5 x 20.75
Unit Dimensions (HWD/cm)
8.9 x 44.5 x 52.7
Unit weight (lbs)
57
Unit weight (kg)
25.9
Material of construction
Steel
Form factors supported
Rack/Tower (2U)
ENVIRONMENTAL
Relative Humidity
0-95% (non-condensing)
WARRANTY
2 / 3


Similar Part No. - SU5000XFMRT2U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU5000XFMR2UTAA TRIPPLITE-SU5000XFMR2UTAA Datasheet
156Kb / 3P
   SmartOnline Step-Down Isolation Transformer, 208V to 120V, 5kVA, 5kW, 2U Rack-Mount, TAA
More results

Similar Description - SU5000XFMRT2U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU5000XFMR2UTAA TRIPPLITE-SU5000XFMR2UTAA Datasheet
156Kb / 3P
   SmartOnline Step-Down Isolation Transformer, 208V to 120V, 5kVA, 5kW, 2U Rack-Mount, TAA
SU6000XFMR2U TRIPPLITE-SU6000XFMR2U Datasheet
156Kb / 3P
   6kVA / 6kW Stepdown Isolation Transformer - converts 208 or 240V to 120V
SU6000XFMR2UTAA TRIPPLITE-SU6000XFMR2UTAA Datasheet
157Kb / 3P
   SmartOnline Step-Down Isolation Transformer, 208/240V to 120V, 6kVA, 6kW, 2U Rack-Mount, TAA
SU20KXFMRT4U TRIPPLITE-SU20KXFMRT4U Datasheet
163Kb / 2P
   18kVA 18kW 4U Step-Down Isolation Transformer - Converts 208/240V 60Hz (Source) to 120/240V split phase (Load)
logo
Minilogic Device Corpor...
ML1565 MINILOGIC-ML1565 Datasheet
972Kb / 21P
   Step-Up-Down DC-DC Converts
logo
Schneider Electric
SUA5000R5TXFMR SCHNEIDER-SUA5000R5TXFMR Datasheet
110Kb / 4P
   APC Smart-UPS 5000VA RM w/Transformer, 208V input and 120/208V Output
Jul 21, 2021
logo
Nova Electric. All Righ...
NGRS11-5K60-115D-115 NOVA-NGRS11-5K60-115D-115 Datasheet
1Mb / 2P
   5KVA TRUE ON-LINE UPS
logo
Tripp Lite. All Rights ...
SU5000RT4U TRIPPLITE-SU5000RT4U Datasheet
543Kb / 6P
   SmartOnline 208/120V or 240/120V 5kVA 3.8kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 4U Rack/Tower, Bypass Switch
OMNI1000ISO TRIPPLITE-OMNI1000ISO_15 Datasheet
498Kb / 5P
   OmniSmart 120V 1000VA 700W Line-Interactive UPS, Tower, Built-In Isolation Transformer, USB port
OMNI500ISO TRIPPLITE-OMNI500ISO_15 Datasheet
496Kb / 5P
   OmniSmart 120V 500VA 300W Line-Interactive UPS,Tower, Built-In Isolation Transformer, USB port
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com