Electronic Components Datasheet Search |
|
SU3000RTXL3UHV Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
SU3000RTXL3UHV Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 7 page Innovative design makes unit adaptable for rackmount, tower, or stacking applications Uses only 3 rack spaces (3U) in standard 19 inch rack DB9 serial port for network interface; SNMP compatible Slot for optional SNMP/web card (part# SNMPWEBCARD) PowerAlert unattended shutdown software and 6 ft. network cable included Compatible with Tripp Lite's Watchdog Service Monitoring/Reboot Software Fault tolerant electronic bypass maintains utility output during a variety of UPS fault conditions Diagnostic LEDs Battery replacement door Mounting hardware included for 4 post rack enclosures, 2 post telecom rack compatible with separate purchase 2POSTRMKITWM accessory $250,000 Ultimate Lifetime Insurance Specifications OUTPUT Output Volt Amp Capacity (VA) 3000 Output kVA capacity (kVA) 3 Output Watt Capacity (watts) 2400 Output kW capacity 2.4 Output power factor 0.8 Crest Factor 3:1 Nominal Output Voltage(s) Supported 200V; 208V; 220V; 240V Nominal Voltage details 208V default Frequency compatibility 50 / 60 Hz Frequency compatibility details Output frequency matches input nominal on startup, defaults to 60 Hz on cold-start Output voltage regulation (line mode) +/- 2% Output voltage regulation (Battery mode) +/- 2% Built-in UPS output receptacles 6 6-15/20R outlet(s); 2 L6-20R outlet(s) Built-in controllable switched load banks Two switchable 6-15/20R load banks (bank 1 - two outlets, bank 2 - four outlets) Output AC waveform (AC mode) Sine wave Output AC waveform (battery mode) Pure Sine wave INPUT Rated input current (at maximum load) 14.9A (200V), 14.3A (208V), 13.1A (220V), 12.1A (240V) Nominal Input Voltage(s) Supported 200V AC; 208V AC; 220V AC; 240V AC 2 / 6 |
Similar Part No. - SU3000RTXL3UHV |
|
Similar Description - SU3000RTXL3UHV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |