Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU3000RTXL3UHV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SU3000RTXL3UHV
Description  SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 208/240V NEMA outlets
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SU3000RTXL3UHV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SU3000RTXL3UHV Datasheet HTML 1Page - List of Unclassifed Manufacturers SU3000RTXL3UHV Datasheet HTML 2Page - List of Unclassifed Manufacturers SU3000RTXL3UHV Datasheet HTML 3Page - List of Unclassifed Manufacturers SU3000RTXL3UHV Datasheet HTML 4Page - List of Unclassifed Manufacturers SU3000RTXL3UHV Datasheet HTML 5Page - List of Unclassifed Manufacturers SU3000RTXL3UHV Datasheet HTML 6Page - List of Unclassifed Manufacturers SU3000RTXL3UHV Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SmartOnline 3kVA On-Line Double-Conversion
UPS, 3U Rack/Tower, 208/240V NEMA outlets
MODEL NUMBER: SU3000RTXL3UHV
Description
3000VA / 3kVA on-line, double-conversion UPS system for critical server, network and telecommunications
equipment. 3U rackmount form factor with an installed depth of 20 inches (50.8cm). Expandable battery runtime
with optional external battery packs BP72V15-2U (limit 1), BP72V28RT-3U (multi-pack compatible) and
BP72V18-2US (multi-pack compatible). Full time sine wave 200/208/220/240V AC output with +/-2% voltage
regulation. Online, double-conversion Uninterruptible Power Supply (UPS) actively converts raw incoming AC
power to DC, then re-converts output back to completely regulated, filtered AC output. Operates continuously
without using battery power during brownouts to 130V and overvoltages to 275V. NEMA L6-20P input plug. NEMA 6-15/20R & L6-20R output receptacles.
Network-grade AC surge and noise suppression. Zero transfer time between AC and battery operation. Network management interfaces support simultaneous
communications via DB9 serial port and SNMPWEBCARD slot. Built-in DB9 port offers both enhanced RS-232 enabled monitoring data, plus contact closure
monitoring ability. Supports simultaneous detailed monitoring of equipment load levels, self-test data and mains power conditions via all network interfaces.
Includes PowerAlert monitoring software and complete cabling. Integrated two bank PDU switching supports load shedding and remote-reboot of connected
equipment. Multi-stage metered current monitoring and battery charge status LEDs. Mains power and voltage regulation LEDs. Audible Alarm. Self-test.
Fault-tolerant auto-bypass mode. 4 post rackmount accessories included; 2-9USTAND tower kit and 2POSTRMKITWM 2-post rackmount accessories
available. Field replaceable, hot swappable internal batteries and external battery packs. Attractive all-black UPS design. $250,000 Ultimate Lifetime
Insurance.
Features
True on-line, double conversion UPS provides pure, sine wave AC output at all times
Maintains continuous operation through blackouts, voltage fluctuations and surges with zero transfer time
Removes harmonic distortion, electrical impulses, frequency variations and other hard to solve power problems
Accepts input voltages between 160 and 275 (130 to 275 at loads under 70%), regulating output to selectable 200/208/220/240V +/-2%
3000VA/2400 watt power capacity with 8 total outlets (6 NEMA6-15/20R & 2 NEMAL6-20R)
Standard internal battery set provides 14 minutes runtime at half load
Expandable runtime with external battery packs BP72V15-2U (limit 1), BP72V28RT-3U (multi-pack compatible) and BP72V18-2US (multi-pack
compatible)
Innovative design makes unit adaptable for rackmount, tower, or stacking applications
Highlights
3000VA / 3kVA / 2400 watt
on-line double-conversion 3U
rack/tower UPS
208/240V +/-2% output at
50/60Hz
Expandable runtime,
Hot-swappable battery modules
RS232 port; support for
SNMP/WEB card options
Front panel status LEDs with
detailed load and battery metering
NEMA L6-20P input; 6-15/20R &
L6-20R outlets
Package Includes
SU3000RTXL3UHV Rack-Tower
UPS System
PowerAlert Software and cabling
Mounting hardware for 4 post
rackmount enclosures/tower
stands included
Warranty information
Instruction manual
1 / 6


Similar Part No. - SU3000RTXL3UHV

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU3000RTXL3UHV TRIPPLITE-SU3000RTXL3UHV_15 Datasheet
499Kb / 5P
   SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, DB9 Serial
More results

Similar Description - SU3000RTXL3UHV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU3000RTXL3U ETC2-SU3000RTXL3U Datasheet
519Kb / 8P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 110/120V NEMA outlets
SU3000XL ETC2-SU3000XL Datasheet
536Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, Tower, 120V NEMA outlets
SU3000RTXR3U ETC2-SU3000RTXR3U Datasheet
516Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 110/120V NEMA outlets, XR runtime
SU8000RT3U ETC2-SU8000RT3U Datasheet
540Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V NEMA outlets
SU10000RT3U ETC2-SU10000RT3U Datasheet
553Kb / 8P
   SmartOnline 10kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V NEMA outlets
SU5000RT3U ETC2-SU5000RT3U Datasheet
538Kb / 7P
   SmartOnline 5kVA On-Line Double-Conversion UPS, 7U Rack/Tower, 208/120V NEMA outlets
SU8000RT3U1TF ETC2-SU8000RT3U1TF Datasheet
544Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V NEMA outlets
logo
Tripp Lite. All Rights ...
SU3000RTXL3UHV TRIPPLITE-SU3000RTXL3UHV_15 Datasheet
499Kb / 5P
   SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, DB9 Serial
logo
List of Unclassifed Man...
SU2200RTXL2UA ETC2-SU2200RTXL2UA Datasheet
504Kb / 8P
   SmartOnline 2.2kVA On-Line Double-Conversion UPS, 2U Rack/Tower, 110/120V NEMA outlets
logo
Tripp Lite. All Rights ...
SUINT3000RTXL3U TRIPPLITE-SUINT3000RTXL3U Datasheet
499Kb / 5P
   SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com