Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVGR-S11SD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GVGR-S11SD
Description  UV / Visible Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GVGR-S11SD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GVGR-S11SD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
SMD3528 with Si-encapsulant
Indium Gallium Nitride Based Material
PN-type Photodiode
Photovoltaic Mode Operation
High Responsivity & Low Dark Current
Applications
UV LED Monitoring (385, 405nm, etc.)
Outline Diagrams and Dimensions
Blue LED Monitoring
UVA Lamp Monitoring
UV Curing
Absolute Maximum Ratings
Symbol
Unit
Tst
Top
Vr, max.
V
If,max.
Tsol
Characteristics (at 25℃)
Symbol
Min.
Max.
Unit
Id
1㎁
Iph
R
A/W
λ
295
490
Responsivity Curve
Photocurrent along LED Power
Caution
ESD can damage the device hence please avoid ESD.
UV / Visible Sensor
GVGR-S11SD
Parameter
Min.
Max.
Remark
Operating Temperature
Reverse Voltage
5
Storage Temperature
1
-40
90
-30
85
within 10 sec.
Parameter
Test Conditions
Typ.
260
Forward Current
Soldering Temperature
Dark Current
Spectral Detection Range
44
Vr = 0.1 V
LED (405㎚), 1㎽/㎠
0.07
λ = 405 ㎚, Vr = 0 V
10% of R
Photo Current
Responsivity


Similar Part No. - GVGR-S11SD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GVGR-T10GD ETC-GVGR-T10GD Datasheet
180Kb / 1P
   UV / Visible Sensor
More results

Similar Description - GVGR-S11SD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GVBL-T12GD ETC-GVBL-T12GD Datasheet
225Kb / 1P
   UV / Visible Sensor
GVGR-T10GD ETC-GVGR-T10GD Datasheet
180Kb / 1P
   UV / Visible Sensor
GUVX-T1XGS2-2LA2 ETC-GUVX-T1XGS2-2LA2 Datasheet
169Kb / 1P
   UV sensor
GUVX-T1XGS-3LW10 ETC-GUVX-T1XGS-3LW10 Datasheet
200Kb / 1P
   uv sensor
GVBL-S12SD ETC-GVBL-S12SD Datasheet
257Kb / 1P
   UV sensor
GVBL-T13GC-I8LW10 ETC-GVBL-T13GC-I8LW10 Datasheet
343Kb / 1P
   UV sensor
GUVX-S1XSS2-I8H3 ETC-GUVX-S1XSS2-I8H3 Datasheet
265Kb / 1P
   UV sensor
GUVC-T11GS4-3LW5.0 ETC-GUVC-T11GS4-3LW5.0 Datasheet
174Kb / 1P
   Uv sensor
GUVX-S1XSS2-3LWH3 ETC-GUVX-S1XSS2-3LWH3 Datasheet
265Kb / 1P
   UV sensor
GUVX-T1XGS2-I4LW8 ETC-GUVX-T1XGS2-I4LW8 Datasheet
161Kb / 1P
   UV sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com