Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMART700DV Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMART700DV
Description  SmartPro .7kVA Line Interactive UPS SNMPWEBCARD option, Tower, USB, Serial, EPO, 120/230V input, 120V output - enhanced runtime version
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART700DV Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMART700DV Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART700DV Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART700DV Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART700DV Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART700DV Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART700DV Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Network-grade AC surge suppression protects equipment from damage and performance problems resulting from transient surges
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
700
Output Watt Capacity (watts)
450
Output power factor
0.6
Nominal Output Voltage(s)
Supported
120V
Frequency compatibility
50 / 60 Hz
Output voltage regulation (line mode)
-21%, +8%
Output voltage regulation (Battery
mode)
+/- 5%
Built-in UPS output receptacles
6 5-15R outlet(s)
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
Pure Sine wave
INPUT
Rated input current (at maximum
load)
4.8A (120V), 2.6A (230V)
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P; C14 inlet
UPS input connection description
Detachable 120v 5-15P input cable included
Input circuit breaker
6A
UPS Input cord length (ft.)
6
UPS Input cord length (m)
1.8
Phase
Single-Phase
BATTERY
Full load runtime (minutes)
22.2 min. (450w)
Half load runtime (minutes)
54.5 min. (225w)
DC system voltage (VDC)
24
Battery recharge rate (included
batteries)
Less than 4 hours from 10% to 90%
Replacement battery cartridge
(internal UPS battery replacement)
RBC54
2 / 5


Similar Part No. - SMART700DV

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART700DV TRIPPLITE-SMART700DV_15 Datasheet
509Kb / 4P
   SmartPro 120V 700VA 450W Line-Interactive Sine Wave UPS, Dual Voltage, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
More results

Similar Description - SMART700DV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART3000SLT ETC2-SMART3000SLT Datasheet
509Kb / 6P
   SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
SMART500RT1U ETC2-SMART500RT1U Datasheet
485Kb / 6P
   SmartPro .5kVA Line-Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB, Serial, EPO, 120V
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
SMX750SLT ETC2-SMX750SLT Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial
SMART1050SLT ETC2-SMART1050SLT Datasheet
518Kb / 7P
   SmartPro 1.05kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial 100/110/120V
SMART1000RM2U ETC2-SMART1000RM2U Datasheet
516Kb / 7P
   SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMX500RT1U ETC2-SMX500RT1U Datasheet
490Kb / 5P
   SmartPro .5kVA Line Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
   SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
SMART2200RM2U ETC2-SMART2200RM2U Datasheet
507Kb / 6P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com