Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6358 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # R6358
Description  NEW COMPACT TYPE PMT SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R6358 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  R6358 Datasheet HTML 1Page - Hamamatsu Corporation R6358 Datasheet HTML 2Page - Hamamatsu Corporation R6358 Datasheet HTML 3Page - Hamamatsu Corporation R6358 Datasheet HTML 4Page - Hamamatsu Corporation R6358 Datasheet HTML 5Page - Hamamatsu Corporation R6358 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Figure 9: Dimensional Outline and Basing Diagram (Unit: mm)
TPMSA0034EB
TACCA0181EA
PHOTO-
CATHODE
4MIN.
13.5
± 0.8
UV WINDOW
4MIN.
13.5
± 0.8
QUARTZ WINDOW
PHOTO-
CATHODE
BOTTOM VIEW
1
2
3
5
4
6
8
7
9
10
11
K
DY1
DY2
DY3
DY4
DY5
DY6
DY7
DY8
DY9
P
DIRECTION OF LIGHT
Outline No.1
Outline No.2
5.5
18
13
11
24
Socket
E678-11U
TACCA0161EA
E678-11T (Option):
For direct soldering to PC board
12.4
5.5
30°
12.4
0.5
11
DIRECTION
OF LIGHT
Remaining Hamamatsu Photonics 1/2" side on PMT anode cap types and compact types will be discontinued by the
year 2000.
We recommend the new compact types instead of those current in use.
NOTE UV: UV WINDOW, Q: QUARTZ WINDOW, HIGH: HIGH SENSITIVITY
Correlation among anode cap type, current compact type and new compact type
TYPE/GRADE
Sb-Cs/UV
Sb-Cs/Q
BA/UV HIGH
LBA/UV
MA/UV
MA/UV HIGH
MA/UV HIGH
LMA/UV
Cs-Te/Q
R300/R444
R306
R889
R427
R1414/R1413
R1656
R5785
R2371
R1547/R1546
R3823
R3823-03
R4457
R1657
R6350
R6351
R6352
R6353
R6355
R6356
R6357
R6358
R6354
ANODE CAP TYPE
CURRENT COMPACT TYPE
NEW COMPACT TYPE


Similar Part No. - R6358

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R6358 HAMAMATSU-R6358 Datasheet
233Kb / 8P
   13 mm Dia. SIDE-ON COMPACT TYPE PHOTOMULTIPLIER TUBE
More results

Similar Description - R6358

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7710 HAMAMATSU-H7710 Datasheet
81Kb / 2P
   Compact Side-on PMT
H7827 HAMAMATSU-H7827_15 Datasheet
82Kb / 2P
   Compact Head-on PMT
H7711 HAMAMATSU-H7711 Datasheet
86Kb / 2P
   Compact Side-on PMT
H7827 HAMAMATSU-H7827 Datasheet
88Kb / 2P
   Compact Head-on PMT
H7828 HAMAMATSU-H7828_15 Datasheet
83Kb / 2P
   Compact Head-on PMT
H7826 HAMAMATSU-H7826_15 Datasheet
84Kb / 1P
   Compact Head-on PMT
H7826 HAMAMATSU-H7826 Datasheet
84Kb / 2P
   Compact Head-on PMT
H7828 HAMAMATSU-H7828 Datasheet
85Kb / 2P
   Compact Head-on PMT
logo
Vincotech
10-0B066PA010SB-M993F09 VINCOTECH-10-0B066PA010SB-M993F09 Datasheet
1Mb / 17P
   New ultra-compact housing
logo
Omron Electronics LLC
XM7A-0442 OMRON-XM7A-0442 Datasheet
154Kb / 3P
   New, Compact, USB-Compliant Interface Connectors.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com