Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ157P6X Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NC7SZ157P6X
Description  TinyLogic UHS 2-Input Non-Inverting Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ157P6X Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button NC7SZ157P6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ157P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ157P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ157P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ157P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ157P6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ157P6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ157P6X Datasheet HTML 9Page - Fairchild Semiconductor NC7SZ157P6X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SZ157 • Rev. 1.0.3
7
Physical Dimensions
2. DIMENSIONS ARE IN MILLIMETERS
1. CONFORMS TO JEDEC STANDARD M0-252 VARIATION UAAD
MAC06AREVC
Notes:
3. DRAWING CONFORMS TO ASME Y14.5M-1994
TOP VIEW
RECOMMENED
LAND PATTERN
BOTTOM VIEW
1.45
1.00
A
B
0.05 C
0.05 C
2X
2X
0.55MAX
0.05 C
(0.49)
(1)
(0.75)
(0.52)
(0.30)
6X
1X
6X
PIN 1
DETAIL A
0.075 X 45
CHAMFER
0.25
0.15
0.35
0.25
0.40
0.30
0.5
(0.05)
1.0
5X
DETAIL A
PIN 1 TERMINAL
0.40
0.30
0.45
0.35
0.10
0.00
0.10
CB A
0.05
C
C
0.05 C
0.05
0.00
5X
5X
6X
(0.13)
4X
6X
Figure 9. 6-Lead, MicroPak™, 1.0mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically
the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Tape and Reel Specifications
Please visit Fairchild Semiconductor’s online packaging area for the most recent tape and reel specifications:
http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf.
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Type Status
L6X
Leader (Start End)
125 (Typical)
Empty
Sealed
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (Typical)
Empty
Sealed


Similar Part No. - NC7SZ157P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ157P6X FAIRCHILD-NC7SZ157P6X Datasheet
113Kb / 7P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
NC7SZ157P6X FAIRCHILD-NC7SZ157P6X Datasheet
163Kb / 7P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SZ157P6X ONSEMI-NC7SZ157P6X Datasheet
560Kb / 9P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
November-2017, Rev. 2
logo
Fairchild Semiconductor
NC7SZ157P6X FAIRCHILD-NC7SZ157P6X_09 Datasheet
588Kb / 9P
   TinyLogic짰 UHS 2-Input Non-Inverting Multiplexer
More results

Similar Description - NC7SZ157P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ157 FAIRCHILD-NC7SZ157 Datasheet
113Kb / 7P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SZ157 ONSEMI-NC7SZ157 Datasheet
560Kb / 9P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
November-2017, Rev. 2
logo
Fairchild Semiconductor
NC7SZ157 FAIRCHILD-NC7SZ157_04 Datasheet
163Kb / 7P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
NC7SZ157 FAIRCHILD-NC7SZ157_09 Datasheet
588Kb / 9P
   TinyLogic짰 UHS 2-Input Non-Inverting Multiplexer
NC7SP157 FAIRCHILD-NC7SP157 Datasheet
176Kb / 9P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
NC7SP157 FAIRCHILD-NC7SP157_04 Datasheet
179Kb / 9P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SP157 ONSEMI-NC7SP157 Datasheet
284Kb / 11P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
Revised March 2004
logo
Fairchild Semiconductor
NC7SV157 FAIRCHILD-NC7SV157 Datasheet
177Kb / 9P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SP157 ONSEMI-NC7SP157_V01 Datasheet
298Kb / 10P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
February, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV157 FAIRCHILD-NC7SV157_04 Datasheet
179Kb / 9P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com