Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92660 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92660
Description  Two-String LED Driver with IC OTP ROM Current Trim
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92660 Datasheet(HTML) 2 Page - Texas Instruments

  TPS92660 Datasheet HTML 1Page - Texas Instruments TPS92660 Datasheet HTML 2Page - Texas Instruments TPS92660 Datasheet HTML 3Page - Texas Instruments TPS92660 Datasheet HTML 4Page - Texas Instruments TPS92660 Datasheet HTML 5Page - Texas Instruments TPS92660 Datasheet HTML 6Page - Texas Instruments TPS92660 Datasheet HTML 7Page - Texas Instruments TPS92660 Datasheet HTML 8Page - Texas Instruments TPS92660 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS92660
SLUSBC2 – APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1) (2)
ORDERABLE
MINIMUM ORDER
TJ
PACKAGE
PINS
OUTPUT
 
 SUPPLY
DEVICE NUMBER
QUANTITY
TPS92660PWP
Tube
73
–40°C to 125°C
TSSOP exposed pad
20
TPS92660PWPR
Tape and Reel
2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Supply voltage
VCC
–0.3
14
VIN, UVLO/EN
–0.3
80
BOOT to SW
–0.3
14
SADJ, LADJ, RON, VO, COMP, CS, LNCS
–0.3
6
V
Input voltage range(2)
SW
–2.0
80
BOOT
–0.3
90
SVDD, SCL, SDA
–0.3
5.5
Human body model (HBM) QSS 009-105 (JESD22-A114A)
2000
V
Electrostatic discharge
Charged device model (CDM) QSS 009-147 (JESD22-C101B.01)
750
Junction temperature range, TJ
(3)
165
°C
Storage temperature range, Tstg
–55
150
Lead temperature range, soldering, 10 s
260
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
(3)
Maximum junction temperature is internally limited
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS92660


Similar Part No. - TPS92660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92660 TI1-TPS92660 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWP TI1-TPS92660PWP Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWP/NOPB TI1-TPS92660PWP/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWPR TI1-TPS92660PWPR Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWPR/NOPB TI1-TPS92660PWPR/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
More results

Similar Description - TPS92660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92660 TI1-TPS92660_16 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
logo
SHANGHAI BELLING CO., L...
BL9590 BELLING-BL9590 Datasheet
1Mb / 23P
   Six-String White LED Driver with Active Current
logo
Linear Technology
LT3598 LINER-LT3598 Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
LT3598 LINER-LT3598_1 Datasheet
401Kb / 24P
   6-String 30mA LED Driver with 1.5% Current Matching
logo
OKI electronic componet...
MSM6378A OKI-MSM6378A Datasheet
329Kb / 12P
   OTP ROM Built-in Voice Synthesis IC
logo
Linear Technology
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
ATMEL Corporation
MSL1060AW ATMEL-MSL1060AW Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz 48V Boost Regulator and 짹1.5% LED String Current Balance
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
logo
OKI electronic componet...
MSM98P05 OKI-MSM98P05 Datasheet
151Kb / 14P
   Voice Synthesis IC with Built-in 2-Mbit OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com