Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMG0509SC Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # NMG0509SC
Description  Isolated 2W Single Output DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NMG0509SC Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  NMG0509SC Datasheet HTML 1Page - Murata Power Solutions Inc. NMG0509SC Datasheet HTML 2Page - Murata Power Solutions Inc. NMG0509SC Datasheet HTML 3Page - Murata Power Solutions Inc. NMG0509SC Datasheet HTML 4Page - Murata Power Solutions Inc. NMG0509SC Datasheet HTML 5Page - Murata Power Solutions Inc. NMG0509SC Datasheet HTML 6Page - Murata Power Solutions Inc. NMG0509SC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NMG Series
Isolated 2W Single Output DC/DC Converters
KDC_NMG.D01 Page 7 of 7
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2013 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS - 4 PIN SIP
Pin
Function
1
+VIN
2
-VIN
4
-VOUT
6
+VOUT
TUBE OUTLINE DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
All dimensions in inches ±0.01 (mm ±0.25mm). All pins on a 0.1 (2.54)
pitch and within ±0.01 (0.25) of true position.
Weight: 2.8g
Tube Quantity : 25
Unless otherwise stated all dimensions in inches (mm) ±0.5mm.
Unless otherwise stated all dimensions in inches (mm) ±0.5mm.
Tube length : 20.47 (520mm ±2mm).
NMG0505SC
XYYWWi
1 2
4
6
0.774 (19.65) (Max.)
0.301
(7.65)
(Max.)
0.4
(10.15)
(Max.)
0.181 (4.60)
0.142 (3.60)
0.0118 (0.30)
0.0079 (0.20)
0.5 (12.70)
0.057 (1.45)
0.039 (1.00)
0.099 (2.52)
0.061 (1.54)
0.0016
(0.40) Min.
0.1 (2.54)
0.50 (0.020)
0.045 (1.15)
0.039 (1.00)
Ø
0.1 (2.54)
0.1 (2.54)
4 HOLES
0.00394 (0.1)
0.2 (5.00)
0.366 (9.30)


Similar Part No. - NMG0509SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMG0509SC MURATA-NMG0509SC Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
More results

Similar Description - NMG0509SC

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
TPL-3KVDC TOPPOWER-TPL-3KVDC Datasheet
169Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NML0505SC MURATA-NML0505SC Datasheet
206Kb / 5P
   Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
2B-XNM MICRODC-2B-XNM Datasheet
655Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-2W TOPPOWER-TPL-2W Datasheet
115Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
C&D Technologies
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com