Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5509-42 Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part # R5509-42
Description  NIR PHOTOMULTIPLIER TUBES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R5509-42 Datasheet(HTML) 9 Page - Hamamatsu Corporation

Back Button R5509-42 Datasheet HTML 4Page - Hamamatsu Corporation R5509-42 Datasheet HTML 5Page - Hamamatsu Corporation R5509-42 Datasheet HTML 6Page - Hamamatsu Corporation R5509-42 Datasheet HTML 7Page - Hamamatsu Corporation R5509-42 Datasheet HTML 8Page - Hamamatsu Corporation R5509-42 Datasheet HTML 9Page - Hamamatsu Corporation R5509-42 Datasheet HTML 10Page - Hamamatsu Corporation R5509-42 Datasheet HTML 11Page - Hamamatsu Corporation R5509-42 Datasheet HTML 12Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CHARACTERISTICS FIGURES
TPMHB0426EB
* Spectral response characteristics when used with the dedicated cooler
GSpectral Response
GTypical Gain (R5509-42, -72)
TPMHB0403EA
TPMHB0425EA
GTemperature Characteristics of Dark Current
(After 30 minutes storage in darkness)
TPMHB0404EA
GSingle Photoelectron Pulse Height
Distribution (PHD)
R5509-42
R5509-72
TPMHB0406EA
GOutput Waveform (R5509-42)
TPMHB0428EA
500
SUPPLY VOLTAGE (V)
102
108
2000
107
106
105
104
103
1500
1000
700
-90
-80
-70
TEMPERATURE (
°C)
10-6
10-7
10-8
10-9
10-10
at 1500V
R5509-42
R5509-72
0
0
1.4
1000
200
400
600
800
DARK
PHOTON + DARK
1.2
1.0
0.8
0.6
0.4
0.2
CHANNEL NUMBER (ch)
WAVELENGTH OF INCIDENT LIGHT
SUPPLY VOLTAGE
SIGNAL + DARK COUNTS
DARK COUNTS
AMBIENT TEMPERATURE
: 1300 nm
: -1500 V dc
: 33 600 s-1
: 16 900 s-1
: -80
°C
0
CHANNEL NUMBER (ch)
0
14
1000
200
400
600
800
DARK
PHOTON + DARK
12
10
8
6
4
2
WAVELENGTH OF INCIDENT LIGHT
SUPPLY VOLTAGE
SIGNAL + DARK COUNTS
DARK COUNTS
AMBIENT TEMPERATURE
: 1500 nm
: -1500 V dc
: 298 000 s-1
: 175 000 s-1
: -80
°C
TIME [5 ns/Div]
SUPPLY VOLTAGE
RISE TIME
FALL TIME
WAVELENGTH
AMBIENT TEMPERATURE
RL
: -1500 V dc
: 2.40 ns
: 6.36 ns
: 1300 nm
: -80
°C
: 50
200
800
1200
WAVELENGTH (nm)
10-3
400
600
1000
1600
1400
10-2
10-1
100
101
102
1800
-80
°C
CATHODE RADIANT SENSITIVITY
QUANTUM EFFICIENCY
R5509 - 42
R5509 - 72


Similar Part No. - R5509-42

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5509-43 HAMAMATSU-R5509-43 Datasheet
121Kb / 4P
   NIR PHOTOMULTIPLIER TUBES
R5509-43 HAMAMATSU-R5509-43 Datasheet
103Kb / 4P
   NIR PHOTOMULTIPLIER TUBES
R5509-43 HAMAMATSU-R5509-43_05 Datasheet
103Kb / 4P
   NIR PHOTOMULTIPLIER TUBES
More results

Similar Description - R5509-42

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5509-43 HAMAMATSU-R5509-43_05 Datasheet
103Kb / 4P
   NIR PHOTOMULTIPLIER TUBES
R5509-43 HAMAMATSU-R5509-43 Datasheet
121Kb / 4P
   NIR PHOTOMULTIPLIER TUBES
R6427 HAMAMATSU-R6427 Datasheet
63Kb / 4P
   PHOTOMULTIPLIER TUBES
R1463 HAMAMATSU-R1463 Datasheet
45Kb / 4P
   PHOTOMULTIPLIER TUBES
R2693 HAMAMATSU-R2693_07 Datasheet
162Kb / 4P
   PHOTOMULTIPLIER TUBES
R4220 HAMAMATSU-R4220_15 Datasheet
225Kb / 4P
   PHOTOMULTIPLIER TUBES
R2083 HAMAMATSU-R2083_15 Datasheet
44Kb / 2P
   PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_15 Datasheet
225Kb / 4P
   PHOTOMULTIPLIER TUBES
R13478 HAMAMATSU-R13478 Datasheet
237Kb / 4P
   PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_03 Datasheet
141Kb / 4P
   PHOTOMULTIPLIER TUBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com