Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5509-42 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # R5509-42
Description  NIR PHOTOMULTIPLIER TUBES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R5509-42 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  R5509-42 Datasheet HTML 1Page - Hamamatsu Corporation R5509-42 Datasheet HTML 2Page - Hamamatsu Corporation R5509-42 Datasheet HTML 3Page - Hamamatsu Corporation R5509-42 Datasheet HTML 4Page - Hamamatsu Corporation R5509-42 Datasheet HTML 5Page - Hamamatsu Corporation R5509-42 Datasheet HTML 6Page - Hamamatsu Corporation R5509-42 Datasheet HTML 7Page - Hamamatsu Corporation R5509-42 Datasheet HTML 8Page - Hamamatsu Corporation R5509-42 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
InAs/InP
Sample 10
Cathodoluminescence (CL) measurement
Rhodamine B in Ethanol Solution
(2
× 10-2 mol/L)
Sample 9
Measurement of Raman spectroscopy
10K
Condition
Electron
Probe
Accelerating Voltage
Current
5 kV
10 nA
The data on the right show images of
cathodoluminescence (CL) emitted from
InAs islands in an InAs/InP multiple
quantum well structure, observed with a
scanning electron microscope (SEM) to
which a light collection system and a
monochromator were installed. The right-
hand CL images were taken with the
SEM using a Ge PIN photodiode. These
images are not clear due to external
noise such as cosmic rays. In contrast,
the left-hand data taken with an R5509-
42 photomultiplier tube shows clear,
sharp CL images with a high S/N ratio.
The R5509-42 allows high-sensitivity CL
measurements in the near infrared re-
gion, which are expected to prove useful
in optical evaluations of samples, analy-
sis of inorganic or organic substances,
and other near infrared spectroscopy.
Cathodoluminescence (CL) Measurement
When a sample is irradiated by high-veloc-
ity electron beams, electron-hole pairs in
the sample are excited and then recom-
bine while producing a characteristic lumi-
nescence known as cathodoluminescence
(CL). Information on the internal electron
structures of the sample can be studied by
measuring this luminescence.
SAMPLE TEMPERATURE
Raman spectroscopy is effective in
studying the structure of molecules in a
solution. In particular, near infrared Ra-
man spectroscopy enables measure-
ment of samples which were previously
impossible with conventional methods
using visible light excitation because of
the influence of fluorescence. In this ap-
plication, clear Raman spectra of solute
rhodamine B (marked by
M) are meas-
ured, as well as a Raman spectrum of
ethanol solution. This data was obtained
with weak excitation light averaging 10
mW output using pulsed excitation light
and gate detection method under fluor-
escent room lighting conditions.
TPMHB0452EB
1600
1200
1400
1000
800
RAMAN SHIFT (cm-1)
RHODAMINE B POWDER
ETHANOL
SAMPLE
EXCITATION LIGHT: LD-PUMPED
ND: YAG (1064 nm)
10 mW, 10 ns pulse, 10 kHz
SAMPLE TEMPERATURE: 77 K
(
)
room
temperature
990nm
990nm
1010nm
1020nm
1030nm
1040nm
R5509-42
Ge PIN-PD
77K
Photos: By courtesy of Prof. Y. Takeda, Dept. of Materials Science and Engineering, Graduate
School of Engineering, Nagoya University;
Prof. A. Nakamura, Center for Integrated Research in Science and Engineering, Nagoya
University
300K
SAMPLE TEMPERATURE


Similar Part No. - R5509-42

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5509-43 HAMAMATSU-R5509-43 Datasheet
121Kb / 4P
   NIR PHOTOMULTIPLIER TUBES
R5509-43 HAMAMATSU-R5509-43 Datasheet
103Kb / 4P
   NIR PHOTOMULTIPLIER TUBES
R5509-43 HAMAMATSU-R5509-43_05 Datasheet
103Kb / 4P
   NIR PHOTOMULTIPLIER TUBES
More results

Similar Description - R5509-42

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5509-43 HAMAMATSU-R5509-43_05 Datasheet
103Kb / 4P
   NIR PHOTOMULTIPLIER TUBES
R5509-43 HAMAMATSU-R5509-43 Datasheet
121Kb / 4P
   NIR PHOTOMULTIPLIER TUBES
R6427 HAMAMATSU-R6427 Datasheet
63Kb / 4P
   PHOTOMULTIPLIER TUBES
R1463 HAMAMATSU-R1463 Datasheet
45Kb / 4P
   PHOTOMULTIPLIER TUBES
R2693 HAMAMATSU-R2693_07 Datasheet
162Kb / 4P
   PHOTOMULTIPLIER TUBES
R4220 HAMAMATSU-R4220_15 Datasheet
225Kb / 4P
   PHOTOMULTIPLIER TUBES
R2083 HAMAMATSU-R2083_15 Datasheet
44Kb / 2P
   PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_15 Datasheet
225Kb / 4P
   PHOTOMULTIPLIER TUBES
R13478 HAMAMATSU-R13478 Datasheet
237Kb / 4P
   PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_03 Datasheet
141Kb / 4P
   PHOTOMULTIPLIER TUBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com