Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09-50-8083 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 09-50-8083
Description  KK 3.96mm Crimp Terminal Housing, Friction Ramp, 8 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

09-50-8083 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  09-50-8083 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/07/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
09-50-8083
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 3.96mm Crimp Terminal Housing, Friction Ramp, 8 Circuits
Documents:
3D Model
Packaging Specification PK-41695-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-08-50 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
41695
Application
Power, Wire-to-Board
Overview
KK® Interconnect System - Molex
Product Name
KK® 396
UPC
800753692626
Physical
Breakaway
No
Circuits (maximum)
8
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
2.814/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.96mm
Polarized to Mating Part
Yes
Temperature Range - Operating
See Product Specification
Material Info
Old Part Number
41695-N-D8
Reference - Drawing Numbers
Packaging Specification
PK-41695-001
Product Specification
PS-08-50
Sales Drawing
SD-41695
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
41695Series
Mates With
KK® 396 Header 41791 , 41792 , 41671 ,
41672 , 41661 , 41662
Use With
KK® 396 Crimp Terminals, 2478 , 2578 ,
6838 , 7258 , 45570
This document was generated on 07/07/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 09-50-8083

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-50-8083 MOLEX1-09-50-8083 Datasheet
412Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal Housing, Friction Ramp, 8 Circuits
More results

Similar Description - 09-50-8083

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-50-8081 MOLEX11-09-50-8081 Datasheet
38Kb / 1P
   KK 3.96mm Crimp Terminal Housing, Friction Ramp, 8 Circuits
09-50-3081 MOLEX11-09-50-3081 Datasheet
51Kb / 1P
   KK 3.96mm Crimp Terminal Housing, Friction Ramp, 8 Circuits
09-50-3051 MOLEX11-09-50-3051 Datasheet
51Kb / 1P
   KK 3.96mm Crimp Terminal Housing, Friction Ramp, 5 Circuits
09-50-3061 MOLEX11-09-50-3061 Datasheet
51Kb / 1P
   KK 3.96mm Crimp Terminal Housing, Friction Ramp, 6 Circuits
09-50-8141 MOLEX11-09-50-8141 Datasheet
38Kb / 1P
   KK 3.96mm Crimp Terminal Housing, Friction Ramp, 14 Circuits
09-50-8133 MOLEX11-09-50-8133 Datasheet
38Kb / 1P
   KK 3.96mm Crimp Terminal Housing, Friction Ramp, 13 Circuits
09-50-8051 MOLEX11-09-50-8051 Datasheet
38Kb / 1P
   KK 3.96mm Crimp Terminal Housing, Friction Ramp, 5 Circuits
09-50-3121 MOLEX11-09-50-3121 Datasheet
51Kb / 1P
   KK 3.96mm Crimp Terminal Housing, Friction Ramp, 12 Circuits
09-50-3151 MOLEX11-09-50-3151 Datasheet
51Kb / 1P
   KK 3.96mm Crimp Terminal Housing, Friction Ramp, 15 Circuits
09-50-3201 MOLEX11-09-50-3201 Datasheet
51Kb / 1P
   KK 3.96mm Crimp Terminal Housing, Friction Ramp, 20 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com