Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBSK110S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MBSK110S
Description  Schottky Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBSK110S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MBSK110S Datasheet HTML 1Page - List of Unclassifed Manufacturers MBSK110S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
Characteristics(Typical)
http://www.luguang.cn
mail:lge@luguang.cn
MBSK12S THRU MBSK110S
Schottky Bridge Rectifier
0
0
0.3
Ta
(℃)
FIG1:Io-Ta Curve
160
sine wave R-load
with heatsink
40
80
120
0.6
0.9
1.2
1.5
1.8
①②
soldering land
1mm×1mm
1mm×1mm
conductor layer
35um
20um
substrate thickness
0.64mm
on glass-epoxi substrate
on alumina substrate
0.4
0.5
0.6
0.7
0.8
0.9
0.01
0.02
0.05
VF(V)
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
MBSK18S~MBSK110S
MBSK12S~MBSK14S
MBSK16S
020
40
60
80
100
0.001
0.01
0.1
1
100
Voltage(%)
Tj=150℃
Tj=25℃
FIG4:Typical Reverse Characteristics
10
MBSK18S~MBSK110S
MBSK16S
MBSK12S~MBSK14S
1
0
2
5
10
20
50
100
10
sine wave
non-repetitive
Tj=25℃
FIG2:Surge Forward Current Capadility
Number of Cycles
0
8.3ms
1cycle
8.3ms
20
30
40
50
60
70


Similar Part No. - MBSK110S

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MBSK110S YANGJIE-MBSK110S Datasheet
125Kb / 2P
   Schottky Bridge Rectifier
logo
Shenzhen Luguang Electr...
MBSK110S LUGUANG-MBSK110S Datasheet
201Kb / 2P
   Schottky Bridge Rectifier
MBSK110S LUGUANG-MBSK110S Datasheet
201Kb / 2P
   Schottky Bridge Rectifier
MBSK110S LUGUANG-MBSK110S Datasheet
201Kb / 2P
   Schottky Bridge Rectifier
logo
Yangzhou yangjie electr...
MBSK110S YANGJIE-MBSK110S Datasheet
123Kb / 2P
   Schottky Bridge Rectifier
More results

Similar Description - MBSK110S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBRLDSH2-100 CENTRAL-CBRLDSH2-100_15 Datasheet
532Kb / 2P
   SCHOTTKY BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MBSK12M YANGJIE-MBSK12M Datasheet
116Kb / 2P
   Schottky Bridge Rectifier
logo
Central Semiconductor C...
CBRHDSH1-100 CENTRAL-CBRHDSH1-100_15 Datasheet
871Kb / 3P
   SCHOTTKY BRIDGE RECTIFIER
CBRLDSH2-40 CENTRAL-CBRLDSH2-40_15 Datasheet
926Kb / 3P
   SCHOTTKY BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MBSK12S YANGJIE-MBSK12S_17 Datasheet
123Kb / 2P
   Schottky Bridge Rectifier
logo
Zowie Technology Corpor...
SLX204MAH ZOWIE-SLX204MAH Datasheet
61Kb / 2P
   Schottky Bridge Rectifier
SCD345MH ZOWIE-SCD345MH Datasheet
48Kb / 2P
   Schottky Bridge Rectifier
logo
Shenzhen Luguang Electr...
MBSK16S LUGUANG-MBSK16S Datasheet
201Kb / 2P
   Schottky Bridge Rectifier
MBSK14S LUGUANG-MBSK14S Datasheet
201Kb / 2P
   Schottky Bridge Rectifier
logo
Central Semiconductor C...
CBRHDSH1-200 CENTRAL-CBRHDSH1-200_15 Datasheet
606Kb / 2P
   SCHOTTKY BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
ABSK22S YANGJIE-ABSK22S Datasheet
101Kb / 2P
   Schottky Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com