Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDUMH15NET Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PDUMH15NET
Description  Single-Phase Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 16 NEMA 5-15R outlets, NEMA 5-15P input plug
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUMH15NET Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PDUMH15NET Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUMH15NET Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUMH15NET Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUMH15NET Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Real-time clock backup maintains the time of day and date even if the PDU is unpowered
Tiered access privileges allow an administrator and a guest to login via web browser
Alert notifications via email or SNMP traps offer immediate event notification
Firmware upgrade ability supports future product enhancements
Supports HTTP, HTTPS, PowerAlert Network Management System, SMTP, SNMPv1, SNMPv2, Telnet, SSH, FTP, DHCP, BOOTP, NTP
protocols
Fully compatible with FREE PowerAlert Network Management System / NMS Software
1U horizontal rack installation supported in 2 or 4 post racks with included mounting brackets
Mounting brackets support wall-mount and under-counter installation in many applications
Included cord retention brackets
TAA Compliant Version Available - Order Tripp Lite PDUMH15NETAA
Specifications
OVERVIEW
PDU Type
Switched
OUTPUT
Output Capacity
Details
1.4kW (120V input), 1.5kW (127V input), 1.2kW (100V input); 15A maximum (Agency de-rated to 12A continuous)
Frequency
compatibility
50 / 60 Hz
Output nominal
voltage
100-127V nominal, single phase
Outlet quantity / type
16 NEMA 5-15R
Outlet Type
NEMA 5-15R
Customized load
management
receptacles
16 individually controlled outlets
INPUT
PDU Input Voltage
100; 120; 127
Maximum Input Amps
(A)
15
Maximum Input Amps
(A) Details
Agency de-rated to 12A continuous
PDU Plug Type
NEMA 5-15P
Input cord length (ft.)
12
Input cord length (m)
3.66
Phase
Single-Phase
LEDS ALARMS & SWITCHES
Front panel LEDs
16 LEDs display power on - off status for each outlet; Digital Current Meter display shows total output power
consumption in amps
PHYSICAL
Shipping Dimensions
(HWD/in)
5.5 x 23.5 x 21.5
Shipping Dimensions
(HWD/cm)
14 x 59.7 x 54.6
Shipping weight (lbs)
16


Similar Part No. - PDUMH15NET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDUMH15 ETC2-PDUMH15 Datasheet
486Kb / 5P
   Single-Phase Metered PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15R outlets NEMA 5-15P input, 15ft / 4.5m cord
logo
Tripp Lite. All Rights ...
PDUMH15-ISO TRIPPLITE-PDUMH15-ISO Datasheet
161Kb / 4P
   1.5kW Single-Phase Metered PDU Isobar Surge Suppression, 3840 Joules, 100-127V Outlets (14 5-15R), 5-15P, 15 ft. (4.57 m) Cord, 1U Rack-Mount
logo
List of Unclassifed Man...
PDUMH15AT ETC2-PDUMH15AT Datasheet
478Kb / 4P
   Single-Phase Auto Transfer Switch / Metered PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 8 NEMA
PDUMH15ATNET ETC2-PDUMH15ATNET Datasheet
486Kb / 5P
   Single-Phase Auto Transfer Switch / Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount
logo
Tripp Lite. All Rights ...
PDUMH15HVAT TRIPPLITE-PDUMH15HVAT Datasheet
162Kb / 4P
   2??.4kW Single-Phase ATS/Metered PDU, 200??40V Outlets (10 C13), 2 C14 Inlets, 3.6 m Cords, 1U Rack-Mount, TAA
More results

Similar Description - PDUMH15NET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDU1215 ETC2-PDU1215 Datasheet
485Kb / 4P
   Single-Phase Basic PDU, 1.8kW 15A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15R outlets NEMA 5-15P input plug
PDUMH15 ETC2-PDUMH15 Datasheet
486Kb / 5P
   Single-Phase Metered PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15R outlets NEMA 5-15P input, 15ft / 4.5m cord
PDUMV15 ETC2-PDUMV15 Datasheet
479Kb / 5P
   Single-Phase Metered PDU, 1.4kW 15A 120V, 0U Vertical Rackmount, 16 NEMA 5-15R outlets, NEMA
PDUB15 ETC2-PDUB15 Datasheet
486Kb / 5P
   Single-Phase Hot-Swap PDU, 1.4kW 15A 120V, 2U Horizontal Rackmount, 8 NEMA 5-15R outlets, set of 2 NEMA 5-15P input plugs
PDU2430 ETC2-PDU2430 Datasheet
481Kb / 5P
   Single-Phase Basic PDU, 2.9kW 30A 120V, 1U Horizontal Rackmount, 24 NEMA 5-15R outlets, NEMA L5-30P input plug
PDUMH15ATNET ETC2-PDUMH15ATNET Datasheet
486Kb / 5P
   Single-Phase Auto Transfer Switch / Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount
PDUMH15AT ETC2-PDUMH15AT Datasheet
478Kb / 4P
   Single-Phase Auto Transfer Switch / Metered PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 8 NEMA
PDU1220T ETC2-PDU1220T Datasheet
484Kb / 4P
   Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets, NEMA L5-20P input plug
PDU1220 ETC2-PDU1220 Datasheet
485Kb / 4P
   Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets
logo
Tripp Lite. All Rights ...
PDUMV15NETLX TRIPPLITE-PDUMV15NETLX Datasheet
177Kb / 4P
   1.4kW Single-Phase Switched PDU with LX Platform Interface, 120V Outlets (16 5-15R), 10 ft. Cord with 5-15P, 0U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com