Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8004-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L8004-2
Description  1 of span throughout entire range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L8004-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L8004-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers L8004-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers L8004-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers L8004-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers L8004-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers L8004-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers L8004-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
57
Temperature
HOT WATER THERMOMETER
• ±1% of span throughout entire range
• Aluminum stem and case material
• Bi-metallic element
Thermometer is available with standard 12" or 34" NPT male separable socket or 12" or 34" sweatwell connection that
allows easy thermometer removal while maintaining a “sealed” system.
Marsh Instruments Hot Water Thermometers are designed for accurate temperature readings in hot water lines,
boilers and hydronic systems.
SPECIFICATIONS
ACCURACY
±1% of span throughout entire range
CASE SIZE
212" Diameter
CASE MATERIAL
Aluminum
STEM
Aluminum
MOVEMENT
Bi-metallic element
CONNECTION
1
2" or 34" NPT Center Back,
1
2" or 34" Sweatwell Center Back
RANGE
30-250˚F & 0-120˚C
DIAL COLOR
White with Black & Red Markings
POINTER
Aluminum, Black Painted
RECALIBRATOR
Standard
DESCRIPTION P/N
1
2" NPT
L8004-1
3
4" NPT
L8004-2
1
2" sweatwell
L8004-3
3
4" sweatwell
L8004-4


Similar Part No. - L8004-2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L8004D3XX LITTELFUSE-L8004D3XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L8004D5XX LITTELFUSE-L8004D5XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L8004D6XX LITTELFUSE-L8004D6XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L8004D8XX LITTELFUSE-L8004D8XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L8004L3XX LITTELFUSE-L8004L3XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
More results

Similar Description - L8004-2

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414697 PHOENIX-1414697 Datasheet
75Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414732 PHOENIX-1414732 Datasheet
77Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414757 PHOENIX-1414757 Datasheet
80Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
logo
Allegro MicroSystems
ATS128LSE ALLEGRO-ATS128LSE Datasheet
804Kb / 25P
   Chopper stabilization for stable switchpoints throughout operating temperature range
logo
PHOENIX CONTACT
1403841 PHOENIX-1403841 Datasheet
76Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414686 PHOENIX-1414686 Datasheet
79Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1582562 PHOENIX-1582562 Datasheet
81Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
logo
Schneider Electric
IGP05S SCHNEIDER-IGP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 25, 2022
IAP05S SCHNEIDER-IAP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
IDP05S SCHNEIDER-IDP05S Datasheet
131Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com