Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8004-1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # L8004-1
Description  1 of span throughout entire range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L8004-1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  L8004-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers L8004-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers L8004-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers L8004-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers L8004-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers L8004-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers L8004-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
62
Temperature
TYPE
SUBMARINE THERMOMETERS
Stem Length
2"
Dual Scale
ºF & ºC STRAIGHT
90º BACK ANGLE
Range
-40° to 110°F /-40° to 40°C
Y1402
Y1412
20° to 180°F /-6° to 82°C
Y1404
Y1414
30° to 240°F /0° to 114°C
Y1406
Y1416
50° to 400°F /10° to 200°C
Y1408
Y1418
SUBMARINE THERMOMETER
• 5" Scale Size
• V-Shaped aluminum scale with black markings
• Lens front, red reading organic filled tube
• Gray ABS Case
• 2" nominal stem length for 31⁄4" OA socket
Each thermometer is manufactured to a standard accuracy of 1% of span. Gray case with red reading spirit filled
tube with magnifying lens for easy readability. White aluminum scale with bold black graduations and figures.
Typical applications include diesel engines, steam turbines, pumps, condensers, pipelines, boilers and chillers.
SPECIFICATIONS
ACCURACY
±1% of scale range
INDICATING COLUMN
Red liquid fill
SCALE
Dual scale °F & °C.
White coated aluminum
SCALE LENGTH
5 inches
CASE MATERIAL
Gray ABS
WINDOW
Glass
CONNECTION & STEM
3
4"-28" swivel nut, for use with
separable socket (thermowell).
TYPE
THERMOWELL
Connection
1
2" and 34" NPT
Material
Brass
Stem/Well Length
2"/314" OA
223666
THERMOWELL DIMENSIONS–34"-28" Female Thread (internal)
3-1/4"
1-5/16"
5/8"
13/16"
STANDARD RANGES & PART NUMBERS


Similar Part No. - L8004-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L8004D3XX LITTELFUSE-L8004D3XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L8004D5XX LITTELFUSE-L8004D5XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L8004D6XX LITTELFUSE-L8004D6XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L8004D8XX LITTELFUSE-L8004D8XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L8004L3XX LITTELFUSE-L8004L3XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
More results

Similar Description - L8004-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414697 PHOENIX-1414697 Datasheet
75Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414732 PHOENIX-1414732 Datasheet
77Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414757 PHOENIX-1414757 Datasheet
80Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
logo
Allegro MicroSystems
ATS128LSE ALLEGRO-ATS128LSE Datasheet
804Kb / 25P
   Chopper stabilization for stable switchpoints throughout operating temperature range
logo
PHOENIX CONTACT
1403841 PHOENIX-1403841 Datasheet
76Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414686 PHOENIX-1414686 Datasheet
79Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1582562 PHOENIX-1582562 Datasheet
81Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
logo
Schneider Electric
IGP05S SCHNEIDER-IGP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 25, 2022
IAP05S SCHNEIDER-IAP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
IDP05S SCHNEIDER-IDP05S Datasheet
131Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com