Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R331 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # R331
Description  PHOTOMULTIPLIER TUBES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R331 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  R331 Datasheet HTML 1Page - Hamamatsu Corporation R331 Datasheet HTML 2Page - Hamamatsu Corporation R331 Datasheet HTML 3Page - Hamamatsu Corporation R331 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 5: Typical Transit Time Spread
Figure 2: Typical Anode Luminous Sensitivity and
Gain
TPMHB0506EA
TPMHB0507EA
Figure 3: Typical Anode Output Wave form
Figure 4: Typical Time Response
TPMHB0508EA
105
104
103
102
101
100
10-1
108
107
106
105
104
103
102
500
700
2000
1400
1000
3000
SUPPLY VOLTAGE (V)
TPMHB0510EA
RISE TIME
: 2.6ns
FALL TIME
: 9.7ns
SUPPLY VOLTAGE: 1500V
INPUT LIGHT
WAVELENGTH: 400nm
(5ns/div)
200
100
80
60
40
20
10
8
6
4
2
1
500
700
1000
1400
2000
3000
SUPPLY VOLTAGE (V)
ELECTRON
TRANSIT
TIME
ANODE
PULSE
RISE
TIME
100
101
102
103
104
-10
-8
-6
-4
-2
0
2468
10
TIME (ns)
SUPPLY VOLTAGE
: 1500V
FWHM
: 1100ps
INPUT LIGHT WAVELENGTH: 400nm


Similar Part No. - R331

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R331-05 HAMAMATSU-R331-05_15 Datasheet
58Kb / 2P
   For Liquid Scintillation Counting, Photon Counting Application 51mm (2 Inch) Diameter, Bialkali Photocathode, 12 Stages, Head-On Type
R3310-02 HAMAMATSU-R3310-02 Datasheet
85Kb / 4P
   PHOTOMULTlPLlER TUBES
More results

Similar Description - R331

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R6427 HAMAMATSU-R6427 Datasheet
63Kb / 4P
   PHOTOMULTIPLIER TUBES
R1463 HAMAMATSU-R1463 Datasheet
45Kb / 4P
   PHOTOMULTIPLIER TUBES
R2693 HAMAMATSU-R2693_07 Datasheet
162Kb / 4P
   PHOTOMULTIPLIER TUBES
R4220 HAMAMATSU-R4220_15 Datasheet
225Kb / 4P
   PHOTOMULTIPLIER TUBES
R2083 HAMAMATSU-R2083_15 Datasheet
44Kb / 2P
   PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_15 Datasheet
225Kb / 4P
   PHOTOMULTIPLIER TUBES
R13478 HAMAMATSU-R13478 Datasheet
237Kb / 4P
   PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_03 Datasheet
141Kb / 4P
   PHOTOMULTIPLIER TUBES
R3788 HAMAMATSU-R3788_06 Datasheet
178Kb / 4P
   PHOTOMULTIPLIER TUBES
R1307 HAMAMATSU-R1307 Datasheet
32Kb / 4P
   PHOTOMULTIPLIER TUBES
R2658 HAMAMATSU-R2658 Datasheet
105Kb / 4P
   PHOTOMULTIPLIER TUBES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com