Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU13N06TU Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FQU13N06TU
Description  N-Channel QFET MOSFET 60 V, 10 A, 140 m
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU13N06TU Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FQU13N06TU Datasheet HTML 1Page - Fairchild Semiconductor FQU13N06TU Datasheet HTML 2Page - Fairchild Semiconductor FQU13N06TU Datasheet HTML 3Page - Fairchild Semiconductor FQU13N06TU Datasheet HTML 4Page - Fairchild Semiconductor FQU13N06TU Datasheet HTML 5Page - Fairchild Semiconductor FQU13N06TU Datasheet HTML 6Page - Fairchild Semiconductor FQU13N06TU Datasheet HTML 7Page - Fairchild Semiconductor FQU13N06TU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Figure 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
VDS
+
_
Driver
RG
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
VDS
+
_
Driver
RG
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
LL
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
©2000 Fairchild Semiconductor Corporation
FQD13N06 Rev. C1
www.fairchildsemi.com
6


Similar Part No. - FQU13N06TU

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FQU13N06 VBSEMI-FQU13N06 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
FQU13N06 ISC-FQU13N06 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQU13N06L FAIRCHILD-FQU13N06L Datasheet
653Kb / 9P
   60V LOGIC N-Channel MOSFET
FQU13N06L FAIRCHILD-FQU13N06L Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
FQU13N06L FAIRCHILD-FQU13N06L Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET
More results

Similar Description - FQU13N06TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
   N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQD13N06TM FAIRCHILD-FQD13N06TM Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
FQD20N06LTF FAIRCHILD-FQD20N06LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 60 V, 17.2 A, 42 m
FQD18N20V2TM FAIRCHILD-FQD18N20V2TM Datasheet
737Kb / 9P
   N-Channel QFET MOSFET 200 V, 15 A, 140 mOhm
FQD7P06TF FAIRCHILD-FQD7P06TF Datasheet
543Kb / 8P
   P-Channel QFET MOSFET - 60 V, - 5.4 A, 450 m
FQT13N06TF FAIRCHILD-FQT13N06TF Datasheet
774Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
FQT13N06LTF FAIRCHILD-FQT13N06LTF Datasheet
760Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
FQB11P06TM FAIRCHILD-FQB11P06TM Datasheet
1Mb / 9P
   P-Channel QFET MOSFET -60 V, -11.4 A, 175 m廓
FQD17N08LTF FAIRCHILD-FQD17N08LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com