Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1326 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1326
Description  Low Noise, Linear Hall Effect Sensor ICs with Analog Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1326 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1326 Datasheet HTML 4Page - Allegro MicroSystems A1326 Datasheet HTML 5Page - Allegro MicroSystems A1326 Datasheet HTML 6Page - Allegro MicroSystems A1326 Datasheet HTML 7Page - Allegro MicroSystems A1326 Datasheet HTML 8Page - Allegro MicroSystems A1326 Datasheet HTML 9Page - Allegro MicroSystems A1326 Datasheet HTML 10Page - Allegro MicroSystems A1326 Datasheet HTML 11Page - Allegro MicroSystems A1326 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Linear Hall Effect Sensor ICs with Analog Output
A1324, A1325,
and A1326
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Typical Characteristics, continued
(30 pieces, 3 fabrication lots)
– 40
25
150
TA (°C)
– 40
25
150
TA (°C)
– 40
25
150
TA (°C)
– 40
25
150
TA (°C)
2.425
2.445
2.465
2.485
2.505
2.525
2.545
2.565
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.0
2.5
1.0
1.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-10
-8
-6
-4
-2
0
2
4
6
8
10
-10
-8
-6
-4
-2
0
2
4
6
8
10
4.5
5
VCC (V)
5.5
4.5
5
VCC (V)
5.5
Average Absolute Quiescent Voltage Output versus Ambient Temperature
VCC = 5 V
Quiescent Voltage Output versus Supply Voltage
TA = 25°C
Average Sensitivity versus Supply Voltage
TA = 25°C
Average Absolute Sensitivity versus Ambient Temperature
VCC = 5 V
Average Quiescent Voltage Output Drift versus Ambient Temperature
∆VOUT(Q)av values relative to 25°C, VCC = 5 V
Average Sensitivity Drift versus Ambient Temperature
∆Sensav values relative to 25°C, VCC = 5 V
A1324
A1325
A1326
A1324
A1325
A1326
A1324
A1325
A1326
A1324
A1325
A1326


Similar Part No. - A1326

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1326 ALLEGRO-A1326 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1326 ALLEGRO-A1326 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1326LLHLT- ALLEGRO-A1326LLHLT- Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1326LLHLX- ALLEGRO-A1326LLHLX- Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1326LLHLX-T ALLEGRO-A1326LLHLX-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
More results

Similar Description - A1326

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLT-T ALLEGRO-A1324LLHLT-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324_16 Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com