Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QB2405XLS Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # QB2405XLS
Description  0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

QB2405XLS Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  QB2405XLS Datasheet HTML 1Page - Microdc power Technology Co., Ltd QB2405XLS Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Q
QA-XS&
A-XS&Q
QB-XLS
B-XLS
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
PRODUCT
PRODUCT PROGRAM
PROGRAM
Part
Number
Input
Output
Efficiency
(%, Typ)
Voltage (VDC)
Voltage
(VDC)
Current (mA)
Nominal
Nominal
Max
QB0303XLS
3.3
3.0-3.6
3.3
75.8
62
QB0305XLS
5
50
65
QA0505XS
5
4.5-5.5
±
5
±
25
62
QA0509XS
±
9
±
13.8
64
QA0512XS
±
12
±
10.4
66
QA0515XS
±
15
±
8.3
65
QB0505XLS
5
50
64
QB0509XLS
9
27.8
65
QB0512XLS
12
20.8
67
QB0515XLS
15
16.7
65
QA1205XS
12
10.8-13.2
±
5
±
25
62
QA1209XS
±
9
±
13.8
63
QA1212XS
±
12
±
10.4
64
QA1215XS
±
15
±
8.3
65
QB1203XLS
3.3
75.8
62
QB1205XLS
5
50
65
QB1209XLS
9
27.8
66
QB1212XLS
12
20.8
67
QB1215XLS
15
16.7
66
QA2405XS
24
21.6-26.4
±
5
±
25
63
QA2409XS
±
9
±
13.8
64
QA2412XS
±
12
±
10.4
65
QA2415XS
±
15
±
8.3
65
QB2405XLS
5
50
63
QB2409XLS
9
27.8
63
QB2412XLS
12
20.8
65
QB2415XLS
15
16.7
65
QB2424XLS
24
10.4
64
MODEL
MODEL SELECTION
SELECTION
Q
QB
B
0
05
5
0
05
5
X
X
LS
LS
Product Series
Input Voltage
Output Voltage
Fixed Input
SIP-7 Package
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Storage humidity
95
%
Operating Temperature
-40
85
Storage Temperature
-55
125
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
300
Short circuit protection*
1
s
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
3500
K hours
Weight
2.1
g
*Supply voltage must be discontinued at the end of short circuit duration.
MICRODC R ESERVES THE COPYRIGHT
0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
FEATURES
FEATURES
Small Footprint
1KVDC Isolation
SIP Package
Internal SMD Construction
Temperature Range: -40℃to +85℃
No Heat sink Required
No External Component Required
Industry Standard Pin out
APPLICATIONS
APPLICATIONS
The QA-XS&QB-XLS Series are specially
designed for applications where a group of polar
power supplies are isolated
from
the
input
power supply in a distributed power supply
system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply
is fixed (voltage variation ±10%);
2) Where isolation is necessary between input
and output (isolation voltage ±1000VDC);
3) Where the regulation of the output voltage
and the output ripple noise are not demanding.
Such as: purely digital circuits,ordinary low
frequency analog circuits, and IGBT power
device driving circuits.


Similar Part No. - QB2405XLS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
QB2405XT MICRODC-QB2405XT Datasheet
559Kb / 3P
   0.25W, Fixed Input, Isolated Dual/Single Output SMD DC-DC CONVERTER
More results

Similar Description - QB2405XLS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A-XS-W25 MICRODC-A-XS-W25 Datasheet
673Kb / 2P
   0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QD8E-3U GAPTEC-QD8E-3U Datasheet
835Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
QF-XMS MICRODC-QF-XMS Datasheet
422Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QT8E-3UP GAPTEC-QT8E-3UP Datasheet
1Mb / 4P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QD8E GAPTEC-QD8E Datasheet
835Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QS4A GAPTEC-QS4A Datasheet
989Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QS7B GAPTEC-QS7B Datasheet
758Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8A GAPTEC-QT8A Datasheet
1Mb / 4P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8A-3UP GAPTEC-QT8A-3UP Datasheet
1Mb / 4P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8E GAPTEC-QT8E Datasheet
657Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com