Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRAVELERC6 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TRAVELERC6
Description  2 (C6) 3-prong connectors, in-line surge suppressor with 1 in/1 out tel/modem/ethernet combo
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRAVELERC6 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TRAVELERC6 Datasheet HTML 1Page - List of Unclassifed Manufacturers TRAVELERC6 Datasheet HTML 2Page - List of Unclassifed Manufacturers TRAVELERC6 Datasheet HTML 3Page - List of Unclassifed Manufacturers TRAVELERC6 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Appearance
Ultra-compact portable in-line protector in an attractive, all black lightweight enclosure
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3rd Edition
UL497A (Communications)
UL497A
FCC Part 68 (Communications)
FCC Part 68
cUL / CSA (Canada)
cUL
Approvals
UL1950
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
3 / 3


Similar Part No. - TRAVELERC6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRAVELERC8 ETC2-TRAVELERC8 Datasheet
517Kb / 4P
   2 (C8) 2-prong connectors, in-line surge with Tel/Modem/Ethernet Protection - Protect It! Surge Suppressor
More results

Similar Description - TRAVELERC6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRAVELERC8 ETC2-TRAVELERC8 Datasheet
517Kb / 4P
   2 (C8) 2-prong connectors, in-line surge with Tel/Modem/Ethernet Protection - Protect It! Surge Suppressor
TLP606RNET ETC2-TLP606RNET Datasheet
550Kb / 4P
   6 Outlets, 6ft cord, 1440 Joules, 1-line rotating gold coaxial 1-line tel/modem protection - Surge Suppressor
HT1010SAT3 ETC2-HT1010SAT3 Datasheet
509Kb / 5P
   10 outlet, 10ft cord, 3345 joule rating, 3-line coaxial and 1-line tel/modem/ethernet protection - Home/Business Theater Surge Suppressor
TRAVELER ETC2-TRAVELER Datasheet
484Kb / 4P
   2 AC outlets, direct plug-in surge suppressor with modem/fax surge protection
logo
ITT Industries
CCM05-5783T50 ITT-CCM05-5783T50 Datasheet
385Kb / 4P
   Combo (2, 3, 4 in 1)
logo
List of Unclassifed Man...
ISOBAR6DBS ETC2-ISOBAR6DBS Datasheet
505Kb / 5P
   6 outlet, 6ft cord, 2850 joules, 2-line coaxial, 1-line tel/modem, All-metal housing Isobar Surge
DB9 ETC2-DB9 Datasheet
485Kb / 3P
   In-Line DB9 Surge Suppressor
logo
Sumida Corporation
CLS3D23 SUMIDA-CLS3D23_1 Datasheet
304Kb / 3P
   2 in 1 Inductor & 3 in 1 Inductor
logo
Tripp Lite. All Rights ...
DB25 TRIPPLITE-DB25 Datasheet
158Kb / 3P
   In-Line DB25 Surge Suppressor (Pins 1-8, 20 & D Shell Chassis)
logo
List of Unclassifed Man...
ISOTEL6ULTRA ETC2-ISOTEL6ULTRA Datasheet
505Kb / 5P
   6-Outlet Isobar Surge Protector with 6-ft Cord and 2-Line Tel/Modem Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com