Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


G0509XM Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part No. G0509XM
Description  1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRODC [Microdc power Technology Co., Ltd]
Homepage  http://www.microdc.cn/
Logo 

   
 2 page
background image
H
H-X
-XM&G
M&G-X
-XM
M S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 4
OUTPUT
OUTPUT CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power1
TA=-40℃~60℃
1
W
Voltage Set Point
See tolerance envelope
Line regulation
High Vin to low Vin
1.0
1.2
%%
Load regulation
Single outputs
10% load to rated load,xx03
10.0
15.0
%
10% load to rated load,0505
7.0
10.0
10% load to rated load,0509,0512,0515
6.0
10.0
10% load to rated load,12xx
5.0
7.0
Load regulation
Dual outputs
10% load to rated load,5V output types
10.0
15.0
10% load to rated load,9V output types
6.0
10.0
%
10% load to rated load,12V output types
6.0
10.0
10% load to rated load,15V output types
6.0
10.0
Zero Load Power
All types
250
MW
ISOLATION
ISOLATION CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
6000
VDC
Resistance
Viso=500VDC
1
Isolation voltage
I/O isolation voltage
3000
VAL rms
Isolation capacity
Input/Output
10
pF
Isolation resistance
Input/Output
>1000
M ohm
GENERAL
GENERAL CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
Single output
50
kHz
Dual output
70
Package weight
Single/Dual models
4.0(0.14 )
g (oz)
TEMPERATURE
TEMPERATURE DERATING
DERATING GRAPH
GRAPH
TOLERANCE
TOLERANCE ENVELOPE
ENVELOPE
H-XM/G-XM
3.3V in,3V out type only
1.See derating graph.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.Another 24V& 48V products, please inquire Our technical department!
TEMPERATURE
TEMPERATURE CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
60
Storage
-55
130
Case Temperature above
All output types
33




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl