Electronic Components Datasheet Search |
|
UPSLINK100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
UPSLINK100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page UPSLink (Uninterruptible Power Supply) Series, UPSLink100 The Rhio232, is an accessory card that enables a UPS to be managed on the network through its serial port. The UPSLink has an embedded Web server and SNMP agent that encompasses the UPSMIB (RFC1628) and MIB II (RFC1213). Various configuration interfaces such as Telnet, Web and serial console are provided within the UPSLink. The easy-to-use Web interface exports useful management interface to monitor and control a UPS which includes graphical representation of the UPS operation status and gauges. User ID/ password and IP filtering provides secured access to the UPS serial port. Alarm messages from a UPS are logged either inside memory space or to outside NFS or SYSLOG server. The alarms are notified through either E-mail or SNMP trap. The powerful 32-bit processor, open Linux platform gives maximum flexibility for the user customizations. Users can implant an application that accommodates a specific UPS serial protocol. They could change some features of the Web interface. A development environment and template codes are provided to help customization process. A user- customized code could be easily uploaded to the UPSLink through the Web interface. The UPSLink truly widens the connectivity and the manageability of a UPS. It is ready-to-use solution meeting all the usersÕ needs for the UPSmanagement over the network. - Remotemanagement (monitor/control) of a UPS by providing Web server and SNMP agent on 32bit+Linux platform - Communicates with a UPS via RS232 and with network via 10/100Base-T Ethernet - Supports UPS MIB andMIB II - Supports various commercial NMS - Easy-to-use UPS management through Web interface - Multi-language support on the Web interface - Supports event logging and Email/SNMP trap notification for management purposes - Supports strong security checks - Maximumflexibility for user customization - Windows-based application to detect and configure the UPSLink Features |
Similar Part No. - UPSLINK100 |
|
Similar Description - UPSLINK100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |