Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS1600 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STS1600
Description  Secure Terminal Server with PCMCIA,
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STS1600 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STS1600 Datasheet HTML 1Page - List of Unclassifed Manufacturers STS1600 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STS400
STS 4-Port Terminal Server with PCMCIA
STS800
STS 8-Port Terminal Server with PCMCIA
STS1600
STS 16-Port Terminal Server with PCMCIA
포함 내역
- Quick Start Guide
- 220V 전원 어댑터 또는 전원 코드
- 케이블 키트
선택 사항
- RJ45-DB9M X 어댑터 번들 (4개)
- RJ45-DB25F X 어댑터 번들 (4개)
- RJ45-DB25M X 어댑터 번들 (4개)
- RJ45-DB25M S 어댑터 번들 (4개)
- 19인치 랙 장착 키트(STS400/800용)
주문 정보
Secure Terminal Server with PCMCIA,
STS Series,
STS400/800/1600
기술 사양
Diagnostic LED
- Power
- Ready
- 10/100 Base Link, Act
- Serial InUse/Rx/Tx
- PC card
Power
- STS400/800 : 5VDC, 1.5A @ 5VDC
- STS1600 : 100~240 VAC, 50/60 Hz, 1.2A
Environmental
- 동작 온도 : 0 ~ 50℃
- 보관 온도 : -20 ~ 66℃
- 습도 : 90% Non-condensing
Physical properties
- STS400/800
245 x 153 x 30 (mm), 1.5kg
- STS1600
435 x 186x 43 (mm), 2.5 kg
19인치 랙 장착형
Certification
- FCC(A), CE, MIC
Warranty
- 5년 보증
Serial Interface
- 시리얼 전송 속도 75bps ~ 230kbps
- RJ45 커넥터
- 흐름제어 : H/W 및 S/W
- 신호 : RS232 / Rx, Tx, RTS, CTS, DSR, DTR, DCD, GND
- 서지 보호기 장착 (각 시리얼 포트)
Network Interfaces
- 10/100 Base-T Ethernet
- 고정 및 유동 IP 지원
Network Protocols
- ARP, IP/ICMP, DNS, Dynamic DNS
- SMTP with/without Authentication, pop-before SMTP,
- DHCP client, NTP, PPPoE
- TCP, UDP, SSL v2 & v3, TLS v1, RFC-2217
- SSH v1 & v2,Telnet
- HTTP, HTTPS, SNMP v1 & v2
- 시리얼 포트 접속 프로토콜 :
TCP/telnet, UDP, SSL v2 & v3, TLS v1, RFC-2217
PCMCIA
- ATA 플래시 메모리
- 10/100 Base-TX LAN card
- 무선 LAN 카드 및 모뎀 카드
Ethernet modem
- 풍부한 AT 명령어 세트 지원
Security
- SSH
- 데이터 암호화
- IP 주소 필터링
- HTTPS
Management
- 웹
- 시리얼 콘솔
- Telnet/SSH
- HelloDevice Manager 소프트웨어
- O/S 지원 : Windows 98/ME/NT/2000/XP
- 시스템 로그 : 이메일, SYSLOG 서버 또는 플래시 메모리 카드
- 펌웨어 업그레이드 : telnet/SSH, 웹


Similar Part No. - STS1600

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STS100 SSOUSA-STS100 Datasheet
130Kb / 4P
   Multifunction Telecommunications Switch
logo
STMicroelectronics
STS10DN3LH5 STMICROELECTRONICS-STS10DN3LH5 Datasheet
773Kb / 13P
   Very low switching gate charge
May 2009 Rev 1
STS10N3LH5 STMICROELECTRONICS-STS10N3LH5 Datasheet
778Kb / 13P
   N-channel 30 V, 0.019 廓, 10 A, SO-8 STripFET??V Power MOSFET
logo
VBsemi Electronics Co.,...
STS10N3LH5 VBSEMI-STS10N3LH5 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
STMicroelectronics
STS10NF30L STMICROELECTRONICS-STS10NF30L Datasheet
44Kb / 6P
   N - CHANNEL 30V - 0.011ohm - 10A SO-8 STripFET POWER MOSFET
More results

Similar Description - STS1600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS100 ETC-SS100 Datasheet
592Kb / 2P
   Secure Terminal Server
logo
ORing Industrial Networ...
IDS-312L ORING-IDS-312L Datasheet
277Kb / 4P
   Industrial secure serial port to Ethernet device server
IDS-342GT ORING-IDS-342GT Datasheet
398Kb / 5P
   Industrial 4-port secure serial to Ethernet device server
IDS-242GT-I ORING-IDS-242GT-I Datasheet
1Mb / 4P
   Industrial 4-port secure serial to Ethernet device server
IDS-322 ORING-IDS-322 Datasheet
401Kb / 5P
   Industrial 2 secure serial port to Ethernet device server
RDS-3166G ORING-RDS-3166G Datasheet
261Kb / 4P
   Industrial 16 secure serial ports to Ethernet device server
IDS-342 ORING-IDS-342 Datasheet
389Kb / 5P
   Industrial 4 secure serial port to Ethernet device server
RDS-3086G ORING-RDS-3086G Datasheet
257Kb / 4P
   Industrial 8 secure serial ports to Ethernet device server
TDS-5041-I-M12 ORING-TDS-5041-I-M12 Datasheet
1Mb / 4P
   Industrial 4-port secure serial to Ethernet device server
logo
Tripp Lite. All Rights ...
B0940082EV TRIPPLITE-B0940082EV Datasheet
504Kb / 3P
   8-Port Serial Console-Terminal Server with built-in
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com