Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1513 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R1513
Description  PHOTOMULTIPLIER TUBE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R1513 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R1513 Datasheet HTML 1Page - Hamamatsu Corporation R1513 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL
Parameter
Description/Value
Unit
Spectral Response
Wavelength of Maximum Response
Photocathode
Window
Dynode
Base
Suitable Socket
nm
nm
mm dia.
300 to 850
420
Multialkali
111
Borosilicate glass
Venetian blind
10
JEDEC No. B14-38
E678-14A (Option)
Material
Minimum Useful Diameter
Material
Structure
Number of Stages
PHOTOMULTIPLIER TUBE
R1513
MAXIMUM RATINGS (Absolute Maximum Values)
Information furnished by HA MAM ATS U is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein.
© 1999 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may var y. Please consult with our sales office.
Supply Voltage: 1500Vdc, K: Cathode, Dy: Dynode, P: Anode, G: Grid
Multialkali Photocathode with S-20 Spectral Response
127mm (5 Inch) Diameter, 10-Stage, Head-On Type
CHARACTERISTICS (at 25
°C)
VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
Parameter
Min.
Unit
Parameter
Value
Unit
Supply Voltage
Average Anode Current
Ambient Temperature
2000
300
0.1
-30 to +50
Vdc
Vdc
mA
°C
Between Anode and Cathode
Between Anode and Last Dynode
Cathode Sensitivity
Anode Sensitivity
Gain
Anode Dark Current (after 30min. storage in darkness)
Time Response
Luminous (2856K)
Radiant at 420nm (peak)
Red/White Ratio
Luminous (2856K)
Radiant at 420nm (peak)
Anode Pulse Rise Time
Electron Transit Time
Electrodes
Ratio
K
Dy1
G
11
Dy2
1
Dy3
1
Dy4
1
Dy5
1
Dy6
1
Dy7
1
Dy8
1
Dy9
11
1
Dy10
P
100
10
150
64
0.2
50
2.1
× 104
3.3
× 105
30
7
82
µA/lm
mA/W
A/lm
A/W
nA
ns
ns
150
Typ.
Max.


Similar Part No. - R1513

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
logo
Nisshinbo Micro Devices...
R1513S NISSHINBO-R1513S Datasheet
925Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator
R1513S-Y NISSHINBO-R1513S-Y Datasheet
971Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator for Industrial Applications
R1513S121B NISSHINBO-R1513S121B Datasheet
925Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator
R1513S121B NISSHINBO-R1513S121B Datasheet
971Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator for Industrial Applications
More results

Similar Description - R1513

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
   PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com