Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLUEM-G2X0 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # BLUEM-G2X0
Description  Bluetooth Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BLUEM-G2X0 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button BLUEM-G2X0 Datasheet HTML 3Page - List of Unclassifed Manufacturers BLUEM-G2X0 Datasheet HTML 4Page - List of Unclassifed Manufacturers BLUEM-G2X0 Datasheet HTML 5Page - List of Unclassifed Manufacturers BLUEM-G2X0 Datasheet HTML 6Page - List of Unclassifed Manufacturers BLUEM-G2X0 Datasheet HTML 7Page - List of Unclassifed Manufacturers BLUEM-G2X0 Datasheet HTML 8Page - List of Unclassifed Manufacturers BLUEM-G2X0 Datasheet HTML 9Page - List of Unclassifed Manufacturers BLUEM-G2X0 Datasheet HTML 10Page - List of Unclassifed Manufacturers BLUEM-G2X0 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
1.5 핀 배치도
1.6 핀 설명
POWER
GND
1
Ground
VCC
2
D.C input voltage for operation (3.0 ~ 3.3)
UART
TXD
9
UART data out
RXD
8
UART data input
RTS
10
UART Ready to Send
CTS
11
UART Clear to Send
SPI
MOSI
5
Serial Peripheral Interface data input
MISO
6
Serial Peripheral Interface data output
CSB
12
Chip select for Synchronous Serial Interface
Active low
CLK
13
Serial Peripheral Interface clock
OTHER
DCD
3
Bluetooth Connect Detect (Active Low)
RST
4
Reset if low. Input debounced so must be
low
For > 5ms to cause a reset
SCL
7
I²C clock (Apple 전용)
SDA
14
I²C data (Apple 전용)


Similar Part No. - BLUEM-G2X0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLUEM-G1X0 ETC-BLUEM-G1X0 Datasheet
885Kb / 15P
   Bluetooth Module
More results

Similar Description - BLUEM-G2X0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLUEM-G1X0 ETC-BLUEM-G1X0 Datasheet
885Kb / 15P
   Bluetooth Module
PARANI-BCD100 ETC-PARANI-BCD100 Datasheet
774Kb / 22P
   Bluetooth Module
logo
Sony Corporation
CXN1010 SONY-CXN1010 Datasheet
184Kb / 21P
   Bluetooth Module
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
   Bluetooth Module
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
   Bluetooth Module
BTM312 BUDDIES-BTM312 Datasheet
960Kb / 23P
   Bluetooth Module
BTM512 BUDDIES-BTM512 Datasheet
990Kb / 23P
   Bluetooth Module
BTM8610 BUDDIES-BTM8610 Datasheet
970Kb / 23P
   Bluetooth Module
BTM8610M BUDDIES-BTM8610M Datasheet
939Kb / 22P
   Bluetooth Module
BTM8640 BUDDIES-BTM8640 Datasheet
975Kb / 24P
   Bluetooth Module
BTM8645M BUDDIES-BTM8645M Datasheet
927Kb / 23P
   Bluetooth Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com