Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N800209 Datasheet(PDF) 1 Page - E-SWITCH

Part # N800209
Description  CONTACT RATINGS: 25mA @24VDC. (SWITCH)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

N800209 Datasheet(HTML) 1 Page - E-SWITCH

  N800209 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.C.B. MOUNTING
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
KAE09LGGT
10/29/2012
N800209
A
EBP
1
1
2
4
6
8
10
12
14
16
18
1
3
5
7
9
11
13
15
17
CIRCUIT - 10 POSITION
2
4
6
8
10
12
14
16
18
1
3
5
7
9
11
13
15
17
3.05
[.120 in]
23.90
[.941 in]
6.30
[.248 in]
1.00
[.039 in]
TRAVEL
A
20852
RELEASED FOR PRODUCTION
10/29/12
EBP
NOTES:
1. ALL DIMENSIONS IN MM [INCH].
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. CONTACT RATINGS: 25mA @24VDC. (SWITCH)
100mA @50VDC. (CARRY)
5. CONTACT MATERIAL:
CONTACTS: (MOVABLE) COPPER W/GOLD PLATE.
TERMINALS: BRASS w/GOLD PLATE.
6. INSULATION RESISTANCE; 100 MΩ MIN. @500VDC.
7. CONTACT RESISTANCE; 50 mΩ MAX INITIAL.
8. OPERATING TEMP: -20
~C TO +85~C.
9. STORAGE TEMP: -40
~C TO +85~C.
10. ELECTRICAL LIFE: 2000 CYCLES.
11. PACKAGE: TUBE (20 PER TUBE)
WITH ALL POLES IN THE "OFF" POSITION.
12.
DENOTES CRITICAL PARAMETER.
13. DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
14. OPERATING FORCE: 1000 GRAMS MAX.
15. 2002/95/EC (ROHS) COMPLIANT.
POS. 1 DESIGNATE
PIN #1 LOCATION
9.8 `.3
.39 `.01 in
[
]
.70 MIN
[.028 in]
3.75
[.148 in]
E-SWITCH
LOGO
2.54
[.100 in]
20.32
[.800 in]
.50
[.020 in]
.70
[.028 in]
20.32
[.800 in]
2.54
[.100 in]
1.10
[.043 in]
10.40
[.409 in]
7.40
[.291 in]
1.00
[.039 in]


Similar Part No. - N800209

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N800202 E-SWITCH-N800202 Datasheet
85Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800203 E-SWITCH-N800203 Datasheet
116Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800204 E-SWITCH-N800204 Datasheet
126Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800206 E-SWITCH-N800206 Datasheet
133Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800208 E-SWITCH-N800208 Datasheet
171Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
More results

Similar Description - N800209

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N800812 E-SWITCH-N800812 Datasheet
263Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N801104 E-SWITCH-N801104 Datasheet
123Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N801105 E-SWITCH-N801105 Datasheet
132Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800804 E-SWITCH-N800804 Datasheet
127Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800705 E-SWITCH-N800705 Datasheet
113Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800706 E-SWITCH-N800706 Datasheet
133Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800302 E-SWITCH-N800302 Datasheet
101Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N801003 E-SWITCH-N801003 Datasheet
112Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800602 E-SWITCH-N800602 Datasheet
102Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800608 E-SWITCH-N800608 Datasheet
173Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800803 E-SWITCH-N800803 Datasheet
116Kb / 1P
   CONTACT RATINGS: 25mA @24VDC. (SWITCH)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com