Electronic Components Datasheet Search |
|
03-12-2046 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
03-12-2046 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
|
1 / 1 page This document was generated on 08/11/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 03-12-2046 Status: Active Description: 3.18mm Diameter, HCS125, Pin and Socket Plug Housing, Single Row, without Panel Mount Ears, 4 Circuits, Natural (Translucent) Documents: 3D Model Product Specification PSX-42179 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family Crimp Housings Series 42179 Application Power, Wire-to-Wire Product Name HCS-125 UPC 800754232760 Physical Circuits (maximum) 4 Color - Resin Natural Flammability 94V-2 Gender Dual Glow-Wire Compliant No Lock to Mating Part Yes Material - Resin Nylon Net Weight 5.081/g Number of Rows 1 Packaging Type Bag Panel Mount No Pitch - Mating Interface 8.38mm Polarized to Mating Part Yes Stackable No Temperature Range - Operating -40°C to +105°C Electrical Current - Maximum per Contact 20A Material Info Old Part Number 4217904P1 Reference - Drawing Numbers Product Specification PSX-42179 Sales Drawing SD-42179-4* Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Low-Halogen Status Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 42179Series Mates With 03-12-1046 Use With 1900 Male Crimp Terminals, 1901 , 2046 , 2047 , 42546 , 42547 , 42554 , 42555 This document was generated on 08/11/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 03-12-2046 |
|
Similar Description - 03-12-2046 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |