Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDU1215 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PDU1215
Description  Single-Phase Basic PDU, 1.8kW 15A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15R outlets NEMA 5-15P input plug
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDU1215 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PDU1215 Datasheet HTML 1Page - List of Unclassifed Manufacturers PDU1215 Datasheet HTML 2Page - List of Unclassifed Manufacturers PDU1215 Datasheet HTML 3Page - List of Unclassifed Manufacturers PDU1215 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Output nominal voltage
100-127V nominal, single phase
Overload protection
15A
Outlet quantity / type
13 NEMA 5-15R
Outlet Type
NEMA 5-15R
INPUT
PDU Input Voltage
100; 120; 127
Maximum Input Amps (A)
15
PDU Plug Type
NEMA 5-15P
Input cord length (ft.)
15
Input cord length (m)
4.57
Phase
Single-Phase
LEDS ALARMS & SWITCHES
Switches
No power switch
PHYSICAL
Unit Dimensions (HWD/in)
1.75 (1U) x 17.5 x 4.5
Unit Dimensions (HWD/cm)
4.5 x 44.5 x 11.4
Material of construction
Sheet metal
Style
Rackmount, Vertical Rackmount, Wallmount/Under-Counter
Form factors supported
1U rackmount, 0U vertical rackmount, wall-mount and undercounter installation supported
PDU Form Factor
Horizontal (1U, 2U, etc)
Outlets center to center
measurement
30.2mm
SPECIAL FEATURES
TVSS grounding
Back panel nut and bolt grounding lug
CERTIFICATIONS
Certifications
Tested to UL60950-1 (USA), CSA-C22.2 (Canada)
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
Related Items
Optional Products
2 / 3


Similar Part No. - PDU1215

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDU1215 TRIPPLITE-PDU1215_15 Datasheet
478Kb / 3P
   1.8kW Single-Phase Basic PDU, 120V Outlets (135-15R), 5-15P, 15ft Cord, 1U Rack-Mount
More results

Similar Description - PDU1215

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDUMH15NET ETC2-PDUMH15NET Datasheet
115Kb / 4P
   Single-Phase Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 16 NEMA 5-15R outlets, NEMA 5-15P input plug
PDUMH15 ETC2-PDUMH15 Datasheet
486Kb / 5P
   Single-Phase Metered PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15R outlets NEMA 5-15P input, 15ft / 4.5m cord
PDU2430 ETC2-PDU2430 Datasheet
481Kb / 5P
   Single-Phase Basic PDU, 2.9kW 30A 120V, 1U Horizontal Rackmount, 24 NEMA 5-15R outlets, NEMA L5-30P input plug
PDU1220 ETC2-PDU1220 Datasheet
485Kb / 4P
   Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets
PDU1220T ETC2-PDU1220T Datasheet
484Kb / 4P
   Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets, NEMA L5-20P input plug
logo
Tripp Lite. All Rights ...
PDU1215 TRIPPLITE-PDU1215_15 Datasheet
478Kb / 3P
   1.8kW Single-Phase Basic PDU, 120V Outlets (135-15R), 5-15P, 15ft Cord, 1U Rack-Mount
logo
List of Unclassifed Man...
PDUB15 ETC2-PDUB15 Datasheet
486Kb / 5P
   Single-Phase Hot-Swap PDU, 1.4kW 15A 120V, 2U Horizontal Rackmount, 8 NEMA 5-15R outlets, set of 2 NEMA 5-15P input plugs
logo
Tripp Lite. All Rights ...
PDU1415 TRIPPLITE-PDU1415 Datasheet
465Kb / 3P
   1.8kW Single-Phase Basic PDU, 120V Outlets (145-15R), 5-15P, 15ft Cord, 0U Vertical
logo
List of Unclassifed Man...
PDUMV15 ETC2-PDUMV15 Datasheet
479Kb / 5P
   Single-Phase Metered PDU, 1.4kW 15A 120V, 0U Vertical Rackmount, 16 NEMA 5-15R outlets, NEMA
PDUB20 ETC2-PDUB20 Datasheet
483Kb / 5P
   Single-Phase Hot-Swap PDU, 1.9kW 20A 120V, 2U Horizontal Rackmount, 4 NEMA 5-15R & 4 NEMA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com