Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2405XT Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # F2405XT
Description  1W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

F2405XT Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  F2405XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd F2405XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd F2405XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
F-XT
F-XT
E-XT
E-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
Output
Output Specifications
Specifications
Parameter
Conditions
Voltage set accuracy
see graphs below
Regulation
– Input variation
1.2 % / 1 % change Vin
– Load variation
see graphs below
Voltage balance (dual output
models, balanced load)
± 1.0% max.
Temperature coefficient
0.1 %/K
Ripple and noise (20 MHz Bandwidth)
100 mVp-p max.
Temperature coefficient
± 0.02%/K max.
Short circuit protection
limited 0.5 sec. max.
Capacitive load
3.3 VDC output models: 33µF max.
5 VDC output models:
33µF max.
12 VDC output models:
4.7µF max.
15 VDC output models:
2.2µF max.
±
5 VDC output models:
10µF max.
±
12 VDC output models: 2.2µF max.
±
15 VDC output models: 2.2µF max.
General
General Specifications
Specifications
Parameter
Conditions
Temperature ranges
Operating
– 40 °C~+ 85 °C (no derating)
Case temperature
+95°C max.
Storage
– 55 °C~+ 125 °C
Load derating
(convection cooling)
4%/K above +75°C
Humidity (non condensing)
95 % rel. H max.
Reliability, calculated MTBF
(MIL-HDBK-217F ground benign)
>2Mio h
Isolation voltage (60 sec)
Input/Output
3000 VDC
Isolation capacity
Input/Output(100kHz, 1V)
60 pF typ.
Isolation resistance
Input/Output (500 VDC)
>1 GOhm
Switching frequency
50 to 150 kHz (depending on load)
Output
Output voltage
voltage variation
variation dependent
dependent on
on load
load (at
(at nominal
nominal input
input voltage)
voltage)
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.


Similar Part No. - F2405XT

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
F2405XT-1WR2 MORNSUN-F2405XT-1WR2 Datasheet
327Kb / 4P
   DC/DC Converter
F2405XT-1WR2 MORNSUN-F2405XT-1WR2 Datasheet
241Kb / 5P
   DC/DC Converter
F2405XT-2WR2 MORNSUN-F2405XT-2WR2 Datasheet
187Kb / 4P
   DC/DC Converter
F2405XT-2WR2 MORNSUN-F2405XT-2WR2 Datasheet
222Kb / 5P
   DC/DC Converter
More results

Similar Description - F2405XT

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
F0505T-1W CRYSTEKCRYSTAL-F0505T-1W_10 Datasheet
327Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
   1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7E-3UP GAPTEC-1S7E-3UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7A GAPTEC-1S7A Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-6U GAPTEC-1S7B-6U Datasheet
650Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B GAPTEC-1S7B Datasheet
2Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T12A GAPTEC-1T12A Datasheet
746Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1D14C GAPTEC-1D14C Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7AE-1U GAPTEC-1S7AE-1U Datasheet
852Kb / 6P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com