Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03-09-7062 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 03-09-7062
Description  2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 6 Circuits, Dual Row, Black
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

03-09-7062 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  03-09-7062 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/02/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-09-7062
Status:
Active
Overview:
Standard .093" Pin and Socket Connectors
Description:
2.36mm Diameter Standard .093" Pin and Socket Plug Housing, 6 Circuits, Dual Row,
Black
Documents:
3D Model
Product Specification PS-43660-9999 (PDF)
Drawing (PDF)
Packaging Specification PK-1261-001 (PDF)
Product Specification PS-02-09 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
1261
Application
Power, Wire-to-Wire
Comments
14.0A max. can be achieved when housing is used with
42477 or 42478 terminals
Overview
Standard .093" Pin and Socket Connectors
Product Name
Standard .093"
UPC
800755490718
Physical
Circuits (maximum)
6
Color - Resin
Natural
Flammability
94V-2
Gender
Plug
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
3.160/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.03mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
11A
Material Info
Old Part Number
1261-P1-BK
Reference - Drawing Numbers
Packaging Specification
PK-1261-001
Product Specification
PS-02-09, PS-43660-9999
Sales Drawing
SD-1261-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1261Series
Mates With
03-09-1061 , 03-09-1062 , 03-09-1063 ,
03-09-1064 , 03-09-6061
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1380 Male Crimp Terminals,
1381 Female Crimp Terminals, 1433 Crimp
Terminals, 1434 Male Crimp Terminals,
1973 , 2151 , 2273 , 2870 , 2871 , 4272 ,
4550 , 6271
This document was generated on 09/02/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 03-09-7062

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-09-7062 MOLEX1-03-09-7062 Datasheet
215Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 6 Circuits, Dual Row, Black
03-09-7062 MOLEX1-03-09-7062 Datasheet
189Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 6 Circuits, Dual Row
More results

Similar Description - 03-09-7062

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0003097062 MOLEX1-0003097062 Datasheet
215Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 6 Circuits, Dual Row, Black
0003092061 MOLEX1-0003092061 Datasheet
189Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 6 Circuits, Dual Row
0003092062 MOLEX1-0003092062 Datasheet
189Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 6 Circuits, Dual Row
03-09-2061 MOLEX11-03-09-2061 Datasheet
44Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 6 Circuits, Dual Row
0003092061 MOLEX1-0003092061_18 Datasheet
37Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 6 Circuits, Dual Row
03-09-2062 MOLEX11-03-09-2062 Datasheet
45Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 6 Circuits, Dual Row
0003092062 MOLEX1-0003092062_18 Datasheet
38Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 6 Circuits, Dual Row
0003091064 MOLEX1-0003091064 Datasheet
191Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 6 Circuits, Dual Row
0003091062 MOLEX1-0003091062 Datasheet
191Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 6 Circuits, Dual Row
0003091061 MOLEX1-0003091061 Datasheet
191Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 6 Circuits, Dual Row
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com