Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8231-23 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L8231-23
Description  Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L8231-23 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L8231-23 Datasheet HTML 1Page - Hamamatsu Corporation L8231-23 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L8231 and L7551 series are high-speed infrared emitters specifically developed for 1.3
µm band optical fiber communications. These devices
incorporate a high-speed Fabry-Perot laser diode integrated in a receptacle module. Packages are available with various connectors and
mounting styles.
Features
l High-speed Fabry-Perot laser diode
L8231 series: 1.25 Gbps
L7551 series: 2.5 Gbps
l Compatible with single/multi mode optical fibers
Applications
l Optical fiber communications
l Fiber channel
l Gigabit ethernet
l HDTV
l SDH
LASER
DIODE
Laser diode
Receptacle type, 1.3 µm, 1.25, 2.5 Gbps
L8231/L7551 series
s Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
L8231 series
L7551 series
Unit
Ith + 14 (DC)
Ith + 16 (DC)
mA
Forward current
IF
Ith + 28 (pulse) *
1
Ith + 32 (pulse) *
1
mA
Reverse voltage (laserdiode)
VR
2
V
Reverse voltage (photodiode)
VRm20
V
Operating temperature
Topr
-20 to +70
°C
Storage temperature
Tstg
-40 to +70
°C
*1: Duty ratio 50 %
s Electrical and optical characteristics (Typ. Ta=25
°C, IF=Ith +10 mA)
Parameter
Symbol
L8231 series
L7551 series
Unit
Peak wavelength
λp
1.31
1.31
µm
Forward voltage
VF
1.1
1.1
V
Threshold current
Ith
6
9
mA
Fiber end output *
2
PF
0.2
0.2
mW
Rise time
tr
250
200
ps
Data rate
B
1.25
2.5
Gbps
Monitor current (photodiode)
Im
0.4
0.5
mA
*2: M e a s ur e d using a single- mo d e o ptic al fiber ( m o d e field di am et er 9. 5 µm) w i t h a m a ster plu g.
s Package lineup
L8231/L7551
Parameter
-21
-22
-23
-32
-44
Mounting style
Board
Panel
Board & panel
Connector
SC
FC
MU
FC
LC
Dimensional outline
➀➁➂➃➄
1


Similar Part No. - L8231-23

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8200 UTC-L8200 Datasheet
194Kb / 6P
   CONFIDENTIAL, SUPPLIDE UNDE NDA SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200 UTC-L8200 Datasheet
149Kb / 6P
   SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200G-N20-R UTC-L8200G-N20-R Datasheet
194Kb / 6P
   CONFIDENTIAL, SUPPLIDE UNDE NDA SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200G-P16-R UTC-L8200G-P16-R Datasheet
206Kb / 6P
   SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200G-P16-R UTC-L8200G-P16-R Datasheet
149Kb / 6P
   SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
More results

Similar Description - L8231-23

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PT-37130 OPTOWAY-PT-37130 Datasheet
92Kb / 2P
   3.3V / 1.31 關m / 1.25 Gbps InGaAs PIN-TIA Receiver
PT-57130 OPTOWAY-PT-57130 Datasheet
92Kb / 2P
   3.3V / 1.55 關m / 1.25 Gbps InGaAs PIN-TIA Receiver
logo
Hamamatsu Corporation
L7866 HAMAMATSU-L7866 Datasheet
124Kb / 2P
   Peak emission wavelength: 1.3 關m
logo
National Semiconductor ...
SCAN50C400A NSC-SCAN50C400A Datasheet
1Mb / 30P
   1.25/2.5/5.0 Gbps Quad Multi-Rate Backplane Transceiver
logo
Optoway Technology Inc
PD-3100 OPTOWAY-PD-3100 Datasheet
85Kb / 2P
   1.3 關m WDM PIN PHOTODIODES
PD-3100 OPTOWAY-PD-3100_09 Datasheet
129Kb / 3P
   1.3 關m WDM PIN PHOTODIODES
logo
OKI electronic componet...
OL3200N OKI-OL3200N Datasheet
44Kb / 3P
   1.3 關m Laser-Diode DIP Module
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
logo
Source Photonics, Inc.
B-13-14-1250-T-SSC-G5 SOURCE-B-13-14-1250-T-SSC-G5 Datasheet
589Kb / 7P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250-T-SSC2A SOURCE-B-13-15-1250-T-SSC2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com