Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03-09-2159 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 03-09-2159
Description  2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 15 Circuits, 3 Rows
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

03-09-2159 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  03-09-2159 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/06/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-09-2159
Status:
Active
Overview:
Standard .093" Pin and Socket Connectors
Description:
2.36mm Diameter Standard .093" Pin and Socket Plug Housing, 15 Circuits, 3 Rows
Documents:
3D Model
Product Specification PS-1375-001 (PDF)
Drawing (PDF)
Product Specification PS-1375-002 (PDF)
Product Specification PS-02-09 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
1375
Application
Power, Wire-to-Wire
Comments
12.5A max. can be achieved when housing is used with
42477 or 42478 terminals
MolexKits
Yes
Overview
Standard .093" Pin and Socket Connectors
Product Name
Standard .093"
UPC
800753617544
Physical
Circuits (maximum)
15
Color - Resin
Natural
Flammability
94V-2
Gender
Plug
Glow-Wire Compliant
No
Material - Resin
Nylon
Net Weight
6.469/g
Number of Rows
3
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
5.03mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
9.5A
Material Info
Old Part Number
1375-P4
Reference - Drawing Numbers
Product Specification
PS-02-09, PS-1375-001, PS-1375-002
Sales Drawing
SD-1375-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1375Series
Mates With
03-09-1154 , 03-09-1157
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1380 Male Crimp Terminals,
1381 Female Crimp Terminals, 1433 Crimp
Terminals, 1434 Male Crimp Terminals,
1973 , 2151 , 2273 , 2870 , 2871 , 4272 ,
4550 , 6271
This document was generated on 10/06/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 03-09-2159

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-09-2159 MOLEX1-03-09-2159 Datasheet
242Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 15 Circuits, 3 Rows
logo
MolexKits
03-09-2159 MOLEXKITS-03-09-2159 Datasheet
39Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction Tool and Universal Crimp Tool
03-09-2159 MOLEXKITS-03-09-2159 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 15 Circuit
logo
Molex Electronics Ltd.
03-09-2159 MOLEX1-03-09-2159 Datasheet
186Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 15 Circuits, 3 Rows, without Panel Mount Ears, with Pull Tabs, without Passive Lock Windows
03-09-2159 MOLEX1-03-09-2159 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
More results

Similar Description - 03-09-2159

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0003092158 MOLEX1-0003092158 Datasheet
242Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 15 Circuits, 3 Rows
0003092159 MOLEX1-0003092159 Datasheet
242Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 15 Circuits, 3 Rows
0003092159 MOLEX1-0003092159_18 Datasheet
38Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 15 Circuits, 3 Rows
0003091154 MOLEX1-0003091154 Datasheet
241Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 15 Circuits, 3 Rows
0003091157 MOLEX1-0003091157 Datasheet
241Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 15 Circuits, 3 Rows
0003091151 MOLEX1-0003091151 Datasheet
241Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 15 Circuits, 3 Rows
03-09-1157 MOLEX11-03-09-1157 Datasheet
43Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 15 Circuits, 3 Rows
03-09-1151 MOLEX11-03-09-1151 Datasheet
44Kb / 2P
   2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 15 Circuits, 3 Rows
03-09-1154 MOLEX11-03-09-1154 Datasheet
43Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 15 Circuits, 3 Rows
0003092121 MOLEX1-0003092121 Datasheet
171Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 12 Circuits, 3 Rows
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com