Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMD10DB0 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RMD10DB0
Description  Alloy Film Chip Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMD10DB0 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RMD10DB0 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMD10DB0 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMD10DB0 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMD10DB0 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMD10DB0 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMD10DB0 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMD10DB0 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMD10DB0 Datasheet HTML 10Page - List of Unclassifed Manufacturers RMD10DB0 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Alloy Film Chip Resistors
(Totally Lead Free for RMD series standard)
Halogen-Free
Document No. TRMD-XX0S001A
Revise Date
2012/10/18
page number
7/11
TA-I TECHNOLOGY CO., LTD
8. Taping & Reel :
8.1 Taping Dimensions
8.1.1 4 mm pitch paper:
Packing Type
A
B
W
F
E
P1
P2
P0
D0
T
Paper
RMD06 1.1±0.1
1.9±0.1
8.0±0.2
3.5±0.05
1.75±0.1
4.0±0.1 2.0±0.05
4.0±0.1
+0.1
ψ
1.5
-0
0.64±0.1
RMD10 1.6±0.15
2.4±0.2
0.84±0.1
RMD12 2.0±0.15
3.6±0.2
8.1.2 2 mm pitch paper :
Packing
Type
A
B
W
F
E
P1
P2
P0
D0
T
Paper
RMD06
1.1±0.1
1.9±0.1
8.0±0.2 3.5±0.05
1.75±0.1
2.0±0.1
2.0±0.1
4.0±0.1
+0.1
ψ
1.5
-0
0.64±0.1


Similar Part No. - RMD10DB0

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMD10DB0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL10FTNR100 ETC-RL10FTNR100 Datasheet
894Kb / 10P
   Alloy Film Chip Resistors Low Resistance
RL25FENR020 ETC-RL25FENR020 Datasheet
574Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL10FTNR050 ETC-RL10FTNR050 Datasheet
715Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RBL10FTR030 ETC-RBL10FTR030 Datasheet
600Kb / 9P
   Alloy Film Low Resistance Chip Resistors
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
   Alloy Film Chip Resistors Low Resistance
logo
Riedon Powertron
CRS0504 RIEDON-CRS0504 Datasheet
274Kb / 2P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ1GEYJ PANASONIC-ERJ1GEYJ Datasheet
447Kb / 4P
   Thick Film Chip Resistors
logo
ABCO ELECTRONICS CO.LTD
ATR0402 ABCO-ATR0402 Datasheet
538Kb / 3P
   THICK FILM CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-2GEJ473X PANASONIC-ERJ-2GEJ473X Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com