Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMD06FT0 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RMD06FT0
Description  Alloy Film Chip Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMD06FT0 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RMD06FT0 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMD06FT0 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMD06FT0 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMD06FT0 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMD06FT0 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMD06FT0 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMD06FT0 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMD06FT0 Datasheet HTML 10Page - List of Unclassifed Manufacturers RMD06FT0 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Alloy Film Chip Resistors
(Totally Lead Free for RMD series standard)
Halogen-Free
Document No. TRMD-XX0S001A
Revise Date
2012/10/18
page number
10/11
TA-I TECHNOLOGY CO., LTD
10. Recommended land patterns :
Land pattern
Type
Size
Dimension ( mm )
a
b
c
RMD
06 (0603 )
0.7~0.9
2.0~2.2
0.8~1.0
RMD
10 (0805 )
1.0~1.4
3.2~3.8
0.9~1.4
RMD
12 (1206 )
2.0~2.4
4.4~5.0
1.2~1.8
11. Recommend IR – Reflow profile : (solder : Sn96.5 / Ag3 / Cu0.5)
Peak : 250
0
5
, 5 sec
Pre – heat Zone : 150 to 180 ℃, 90±30 sec
Soldering Zone : 230℃ or higher , 30±10 sec
12. Storage Conditions:
Temperature: 5℃~35℃,Humidity:40%~75%
13. Shelf Life:
2 years from manufacturing date.
14. ECN :
Engineering Change Notice: The customer will be informed with ECN if there is significant
modification on the characteristics and materials described in Approval Sheet.


Similar Part No. - RMD06FT0

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
RMD01 GULFSEMI-RMD01 Datasheet
139Kb / 2P
   SINGLE PHASE GLASS PASSIVATED FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE: 100V CURRENT:0.8A
RMD04 GULFSEMI-RMD04 Datasheet
139Kb / 2P
   SINGLE PHASE GLASS PASSIVATED FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE: 400V CURRENT:0.8A
logo
Tyco Electronics
RMD05024 MACOM-RMD05024 Datasheet
175Kb / 3P
   Power Relay
RMD05524 MACOM-RMD05524 Datasheet
175Kb / 3P
   Power Relay
RMD05615 MACOM-RMD05615 Datasheet
175Kb / 3P
   Power Relay
More results

Similar Description - RMD06FT0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL10FTNR100 ETC-RL10FTNR100 Datasheet
894Kb / 10P
   Alloy Film Chip Resistors Low Resistance
RL25FENR020 ETC-RL25FENR020 Datasheet
574Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL10FTNR050 ETC-RL10FTNR050 Datasheet
715Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RBL10FTR030 ETC-RBL10FTR030 Datasheet
600Kb / 9P
   Alloy Film Low Resistance Chip Resistors
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
   Alloy Film Chip Resistors Low Resistance
logo
Riedon Powertron
CRS0504 RIEDON-CRS0504 Datasheet
274Kb / 2P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ1GEYJ PANASONIC-ERJ1GEYJ Datasheet
447Kb / 4P
   Thick Film Chip Resistors
logo
ABCO ELECTRONICS CO.LTD
ATR0402 ABCO-ATR0402 Datasheet
538Kb / 3P
   THICK FILM CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-2GEJ473X PANASONIC-ERJ-2GEJ473X Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com