Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF12-110V06-EF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TRF12-110V06-EF
Description  Lead Free SMD Resettable Fuse
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TRF12-110V06-EF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TRF12-110V06-EF Datasheet HTML 1Page - List of Unclassifed Manufacturers TRF12-110V06-EF Datasheet HTML 2Page - List of Unclassifed Manufacturers TRF12-110V06-EF Datasheet HTML 3Page - List of Unclassifed Manufacturers TRF12-110V06-EF Datasheet HTML 4Page - List of Unclassifed Manufacturers TRF12-110V06-EF Datasheet HTML 5Page - List of Unclassifed Manufacturers TRF12-110V06-EF Datasheet HTML 6Page - List of Unclassifed Manufacturers TRF12-110V06-EF Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Lead Free SMD Resettable Fuse
Document No
TRF12OS002A
Issued date
2010/07/09
Page
1/7
TA-I TECHNOLOGY CO., LTD
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
1. Scope
This specification applies for the Lead-Free SMD Resettable fuse series .
2. Construction
Style 1
Style 2
3. Type Designation
TRF
SMD
Resettable
fuse
V06
Vmax(Vdc)
035
I-hold
035:0.35A
F
2
Lead
Free
V06: 6V
V08: 8V
V12: 12V
V13: 13.2V
V15: 15V
V16: 16V
V30: 30V
V60: 60V
12
Size
12:1206(3216)
E
Packaging
E:Embossed Tape
T:Paper Tape


Similar Part No. - TRF12-110V06-EF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1208 TI-TRF1208 Datasheet
1Mb / 29P
[Old version datasheet]   TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
OCTOBER 2021
TRF1208 TI-TRF1208 Datasheet
2Mb / 30P
[Old version datasheet]   TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
MARCH 2022
TRF1208 TI-TRF1208 Datasheet
2Mb / 31P
[Old version datasheet]   TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
REVISED APRIL 2022
TRF1208 TI1-TRF1208 Datasheet
2Mb / 41P
[Old version datasheet]   TRF1208 10-MHz to 11-GHz, 3-dB-BW ADC Driver Amplifier
REVISED AUGUST 2023
TRF1208B TI1-TRF1208B Datasheet
2Mb / 41P
[Old version datasheet]   TRF1208 10-MHz to 11-GHz, 3-dB-BW ADC Driver Amplifier
REVISED AUGUST 2023
More results

Similar Description - TRF12-110V06-EF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF06-020V09-TF ETC-TRF06-020V09-TF Datasheet
257Kb / 6P
   Lead Free SMD Resettable Fuse
TRF18-010V60-EF ETC-TRF18-010V60-EF Datasheet
305Kb / 8P
   Lead Free SMD Resettable Fuse
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
logo
AiT Semiconductor Inc.
LO-RHO-F0603L AITSEMI-LO-RHO-F0603L Datasheet
196Kb / 3P
   SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1210L AITSEMI-LO-RHO-F1210L Datasheet
206Kb / 3P
   SMD PPTC RESETTABLE FUSE
REV1.0
F0805L AITSEMI-F0805L Datasheet
319Kb / 4P
   SMD PPTC RESETTABLE FUSE
REV1.0
F2920L AITSEMI-F2920L Datasheet
398Kb / 5P
   SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1206L AITSEMI-LO-RHO-F1206L Datasheet
221Kb / 3P
   SMD PPTC RESETTABLE FUSE
REV1.0
F1210L AITSEMI-F1210L Datasheet
429Kb / 5P
   SMD PPTC RESETTABLE FUSE
REV1.0
F1812L AITSEMI-F1812L Datasheet
541Kb / 5P
   SMD PPTC RESETTABLE FUSE
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com