Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMF20JT103 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RMF20JT103
Description  Automotive Grade Thick Film Chip Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMF20JT103 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RMF20JT103 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMF20JT103 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMF20JT103 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMF20JT103 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMF20JT103 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMF20JT103 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMF20JT103 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMF20JT103 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMF20JT103 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Automotive Grade
Thick Film Chip Resistors
( RMF series standard )
Halogen-Free
Document No.
TRMF-XX0S001A
Revise Date
2014/02/06
page number
6/13
TA-I TECHNOLOGY CO., LTD
Note* : RCWV : Rated continuous working voltage .
7. Marking
7.1 ±2% & ±5%(E24) : RMF06 / RMF10 / RMF12 / RMF13 / RMF20 / RMF25
Resistance value is expressed by 3 digits, the first two digits represent the significant figures of
nominal resistance value inΩ, and the third digit represents exponent for base of 10.
E.G. :, 102 = 10×10
2 = 1000Ω = 1KΩ
7.2 ±0.5% , ±1% (E96 ) : RMF10 / RMF12 / RMF13 / RMF20 / RMF25
Resistance value is expressed by 4 digits , the first three digits represent the significant
figures of nominal resistance value inΩ, and the fourth digit represents exponent for base of 10.
E.G. : 1000 = 100×10
0 = 100Ω
7.3
±
0.5% , ±1% ( E96): RMF06
When the marking space is too small in such small-sized resistors as RMF06, the marking can not
made by 4 digits and may be made by two digits combined with one English capital.
ESD
AEC-Q200-REV C-Test 17
verify the voltage setting at 500V
±(1% + 0.1Ω )
0201 : ±(2% + 0.1Ω )
Solderability
AEC-Q200-REV C-Test 18
J-STD-002
Method B, aging 4 hours at 155 °C dry
heat Lead-free solder bath at 245±3 °C
Dipping time: 3±0.5 seconds
> 95% area covered with tin
Flammability
AEC-Q200-REV C-Test 17
UL-94
V-0 or V-1 are acceptable. Electrical test
not required.
V-0 or V-1
Board Flex
( Bending )
AEC-Q200-REV C-Test 21
3mm deflection(RMF02~RMF13)
2mm deflection(RMF20~RMF25)
0.5%,1% : ±(0.5% + 0.05Ω )
2%.5% : ±(1% + 0.1Ω )
0201 : ±(1% + 0.1Ω )
0Ω : 50mΩ or less
Terminal Strength
(SMD)
IEC 60115-1 4.32
Force of 1.02kg for 10±1 seconds.
Remarks :
RMF02:NA ,RMF04:0.51kg
±
(0.5% + 0.05Ω )
0Ω : 50mΩ or less
Sulfuration Test
ASTM-B-809-95
Sulfur(saturated vapor)
360 hours,105±2°C,
unpowered
0.5%,1%:±(1%+0.05Ω)
2%, 5%:±(2%+0.05Ω)
0Ω : 100mΩ or less
1000
102


Similar Part No. - RMF20JT103

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
RMF25 RIEDON-RMF25 Datasheet
524Kb / 2P
   Film Resistors
logo
RFE international
RMF25 RFE-RMF25 Datasheet
54Kb / 1P
   SURFACE MOUNT RESISTORS
2014.10.13
logo
TEMEX
RMF2520S TEMEX-RMF2520S Datasheet
495Kb / 7P
   SMD Clock Oscillator
logo
TAITRON Components Inco...
RMF25C TAITRON-RMF25C Datasheet
265Kb / 6P
   Metal Film Resistor Normal & Miniature Style
RMF2W TAITRON-RMF2W Datasheet
265Kb / 6P
   Metal Film Resistor Normal & Miniature Style
More results

Similar Description - RMF20JT103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com