Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM20 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RM20
Description  Thick Film Chip Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM20 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RM20 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 9Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 10Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 11Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 12Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Thick Film Chip Resistors
( Lead-Free for RM series standard )
Halogen-Free
Document No.
TRM-XX0S002C
Revise Date
2014/06/23
page number
9/13
TA-I TECHNOLOGY CO., LTD
8.1.3 4 mm pitch Emboss :
Packing
Type
A
B
W
F
E
P1
P2
P0
D0
T
Emboss
RM20 2.8±0.2
5.3±0.2
12.0±0.2
5.5±0.05
1.75±0.1
4.0±0.1
2.0±0.05
4.0±0.05
+0.1
ψ
1.5
-0
0.85±0.15
RM25 3.6±0.2
6.9±0.2
UNIT: mm
Package
Type
Size
Paper Tape
Emboss Plastic Tape
4 mm pitch
4 mm pitch
2 mm pitch
178mm/R
250mm/R
178mm/R
250mm/R
RM
02
10000
RM
04
10000
20000
RM
06
5000
10000
10000
20000
RM
10
5000
10000
RM
12
5000
10000
RM
13
5000
RM
20
4000
RM
25
4000


Similar Part No. - RM20

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM20 MITSUBISHI-RM20 Datasheet
47Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM20 MITSUBISHI-RM20 Datasheet
27Kb / 2P
   Three-Phase Diode Bridge
logo
Micro Commercial Compon...
RM20 MCC-RM20 Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
logo
List of Unclassifed Man...
RM20 ETC-RM20 Datasheet
589Kb / 11P
   Thick Film Chip Resistors
logo
Zibo Seno Electronic En...
RM20 ZSELEC-RM20 Datasheet
144Kb / 2P
   0.5A SURFACE MOUNT HIGH VOLTAGE RECTIFIER
More results

Similar Description - RM20

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com