Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM20 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RM20
Description  Thick Film Chip Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM20 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RM20 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 9Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 10Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Thick Film Chip Resistors
( Lead-Free for RM series standard )
Halogen-Free
Document No.
TRM-XX0S002C
Revise Date
2014/06/23
page number
7/13
TA-I TECHNOLOGY CO., LTD
15
140
39
249
63
442
87
787
16
143
40
255
64
453
88
806
17
147
41
261
65
464
89
825
18
150
42
267
66
475
90
845
19
154
43
274
67
487
91
866
20
158
44
280
68
499
92
887
21
162
45
287
69
511
93
909
22
165
46
294
70
523
94
931
23
169
47
301
71
536
95
953
24
174
48
309
72
549
96
976
Symbol for multipliers
Symbol
A
B
C
D
E
F
G
H
X
Y
Z
multipliers
10
0
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
-1
10
-2
10
-3
E.G : 01A = 100×10
0 = 100Ω
Notes :
When the resistance value is not in the list of E96 , 3 digitals with underline in E-24 series
is used as mark .
E.G. : 0603 , 120Ω , 1%
Marking is 121
7.4 ±0.1% , ±0.5% , ±1%( E96/3digitals)
The resistance value by 3 digits is requirement for customer.
7.5 No Marking for RM02 & RM04
121
01A


Similar Part No. - RM20

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM20 MITSUBISHI-RM20 Datasheet
47Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM20 MITSUBISHI-RM20 Datasheet
27Kb / 2P
   Three-Phase Diode Bridge
logo
Micro Commercial Compon...
RM20 MCC-RM20 Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
logo
List of Unclassifed Man...
RM20 ETC-RM20 Datasheet
589Kb / 11P
   Thick Film Chip Resistors
logo
Zibo Seno Electronic En...
RM20 ZSELEC-RM20 Datasheet
144Kb / 2P
   0.5A SURFACE MOUNT HIGH VOLTAGE RECTIFIER
More results

Similar Description - RM20

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com