Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM12 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RM12
Description  Thick Film Chip Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM12 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RM12 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 9Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 10Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TA-I
Thick Film Chip Resistors
( Lead
– Free for RM 0 ohm series)
Document No.
TRM-XXOS102D
Revise Date
2011/08/12
page number
11 /11
TA-I TECHNOLOGY CO., LTD
Revise record
Date
Content
Owner
Apr. 19. 2007
6. Reliability Tests: (As specified in JIS C 5202)
Short Time Overload & Intermittent Overload
Voltage change to current
Vincent
March.01.2011
Reliability test :
Reference standard from JIS-5202 change to
IEC60115 &
JIS-C5201
Kate
June 24.2011
Operating Temp(℃):
From
-55℃ 〜 +125℃
change to -55℃ 〜 +155℃ ( RM02 -55℃ 〜 +125℃ )
kate


Similar Part No. - RM12

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RM12 MCC-RM12 Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
logo
List of Unclassifed Man...
RM12 ETC-RM12 Datasheet
1,011Kb / 13P
   Thick Film Chip Resistors
logo
Ferroxcube Internationa...
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
More results

Similar Description - RM12

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com