Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLP25FECR010 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RLP25FECR010
Description  High Power Current Sensing Resistors RLP Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RLP25FECR010 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RLP25FECR010 Datasheet HTML 1Page - List of Unclassifed Manufacturers RLP25FECR010 Datasheet HTML 2Page - List of Unclassifed Manufacturers RLP25FECR010 Datasheet HTML 3Page - List of Unclassifed Manufacturers RLP25FECR010 Datasheet HTML 4Page - List of Unclassifed Manufacturers RLP25FECR010 Datasheet HTML 5Page - List of Unclassifed Manufacturers RLP25FECR010 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
High Power Current Sensing Resistors RLP Series
( Halogen-Free )
Document No
TRLP-250S008D
Issued date
2013/02/01
page
3/6
TA-I TECHNOLOGY CO., LTD
5.1Derating Curve
-55
70
170
Ambient Temperature (℃)
5.2 Rated Current
The rated current is calculated by the following Formula:
I =
����/����
6. Recommended Solder Pad Dimension
Resistance Range
(Ω)
a
b
L
R > 0.004
4.0
2.1
4.1
R
0.004
4.0
3.1
1.3
Unit: mm
100
I :Rated Current (A)
P:Rated Power (W)
R:Resistance Value (Ω)
a
L
Cu Trace
b
Sensing Trace


Similar Part No. - RLP25FECR010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLP25FECMR010 ETC-RLP25FECMR010 Datasheet
430Kb / 6P
   High Power Current Sensing Resistors RLP Series
More results

Similar Description - RLP25FECR010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLP25FECMR010 ETC-RLP25FECMR010 Datasheet
430Kb / 6P
   High Power Current Sensing Resistors RLP Series
RLP28FAGR010 ETC-RLP28FAGR010 Datasheet
425Kb / 6P
   High Power Current Sensing Resistors RLP28 Series
logo
Riedon Powertron
UP-1 RIEDON-UP-1 Datasheet
295Kb / 1P
   Current Sensing Resistors
logo
List of Unclassifed Man...
RLM12FTCMR001 ETC-RLM12FTCMR001 Datasheet
357Kb / 6P
   Current Sensing Resistors RLM Series
logo
WALSIN TECHNOLOGY CORPO...
WWXXP WALSIN-WWXXP Datasheet
422Kb / 10P
   Thick Film High Power Current Sensing Chip Resistors
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
PCR-4T ETC-PCR-4T Datasheet
541Kb / 1P
   PRECISION CURRENT SENSING RESISTORS
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com