Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SURBC2030 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SURBC2030
Description  Internal Battery Pack - Compatible with Select SmartOnline 20kVA & 30kVA 3-Phase UPS System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SURBC2030 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SURBC2030 Datasheet HTML 1Page - List of Unclassifed Manufacturers SURBC2030 Datasheet HTML 2Page - List of Unclassifed Manufacturers SURBC2030 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Internal Battery Pack - Compatible with Select
SmartOnline 20kVA & 30kVA 3-Phase UPS System
MODEL NUMBER: SURBC2030
Description
The SURBC2030 Internal Battery Pack is a set of two pre-wired strings of internal batteries that are designed to be installed within the internal battery
compartment of a Tripp Lite SmartOnline 20kVA or 30kVA 3-Phase UPS System or SUBF2030 External Battery Frame. When installed as directed, the two
assembled battery strings that make up a SURBC2030 maintain a nominal battery voltage of 240V DC. The SURBC2030 also serves as a replacement for
existing battery packs.
Features
Set of two pre-wired strings of internal batteries that are designed to be installed within the internal battery compartment of a Tripp Lite SmartOnline
20kVA or 30kVA 3-Phase UPS System or SUBF2030 External Battery Frame
When installed as directed, the two assembled battery strings that make up a SURBC2030 maintain a nominal battery voltage of 240V DC
Also serves as a replacement for existing battery packs
Specifications
OVERVIEW
Model Type
Batteries
BATTERY
DC system voltage (VDC)
240
Connects to UPS via
Included cabling
PHYSICAL
Shipping Dimensions (HWD/in)
12 x 19 x 30.5
Shipping Dimensions (HWD/cm)
30.5 x 48.3 x 77.5
Highlights
Internal Battery Pack offers
extended runtime operation for
select Tripp Lite SmartOnline
20kVA and 30kVA 3-Phase UPS
Systems
Simple installation scheme with
pre-wired and assembled
batteries
Package Includes
SURBC2030 Internal Battery
Pack (set of two pre-wired
battery strings)
Instruction and installation manual
1 / 2


Similar Part No. - SURBC2030

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SURBC2030 TRIPPLITE-SURBC2030 Datasheet
163Kb / 2P
   Internal Battery Pack - Compatible with select SmartOnline 20kVA, 30kVA, 40kVA 3-Phase UPS System & SUBF2030 External Battery Frame
More results

Similar Description - SURBC2030

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SURBC2030 TRIPPLITE-SURBC2030 Datasheet
163Kb / 2P
   Internal Battery Pack - Compatible with select SmartOnline 20kVA, 30kVA, 40kVA 3-Phase UPS System & SUBF2030 External Battery Frame
logo
List of Unclassifed Man...
SUBF2030 ETC2-SUBF2030 Datasheet
508Kb / 3P
   External Battery Frame for Extended Runtime Compatible with Select SmartOnline 20kVA & 30kVA 3-Phase UPS System
logo
Tripp Lite. All Rights ...
BP240V135 TRIPPLITE-BP240V135 Datasheet
167Kb / 2P
   External 240V Battery Pack for Select Tripp Lite 400V 3-Phase SmartOnline UPS Systems
logo
List of Unclassifed Man...
SU20K33XR5 ETC2-SU20K33XR5 Datasheet
500Kb / 7P
   SmartOnline 20kVA On-Line Double-Conversion UPS, 3 Phase input / output with oversize battery set
SU30K33XR5 ETC2-SU30K33XR5 Datasheet
499Kb / 7P
   SmartOnline 30kVA On-Line Double-Conversion UPS, 3 Phase input / output with oversize battery set
logo
Tripp Lite. All Rights ...
BP480V65 TRIPPLITE-BP480V65 Datasheet
166Kb / 2P
   External UPS Battery Pack, 40 65Ah Batteries Included - Compatible S3MX-Series 3-Phase UPS System
BP480V100 TRIPPLITE-BP480V100 Datasheet
166Kb / 2P
   External UPS Battery Pack, 40 100Ah Batteries Included - Compatible S3MX-Series 3-Phase UPS System
BP480V40 TRIPPLITE-BP480V40 Datasheet
165Kb / 2P
   External UPS Battery Pack, 40 40Ah Batteries Included - Compatible S3MX-Series 3-Phase UPS System
SU20KX TRIPPLITE-SU20KX Datasheet
506Kb / 5P
   SmartOnline 20kVA 16kW Modular 3-Phase UPS System, On-line Double-Conversion UPS, SNMP,Webcard, DB9 Serial
BP480V500 TRIPPLITE-BP480V500 Datasheet
152Kb / 2P
   External Battery Pack for select Tripp Lite 3-Phase UPS Systems
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com